Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OFMS22ADE00225 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # OFMS22ADE00225
Description  Single Mode 1x1, 1x2 and 2x2 Add/Drop Optical Fiber Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

OFMS22ADE00225 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  OFMS22ADE00225 Datasheet HTML 1Page - OPLINK Communications Inc. OFMS22ADE00225 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OFMS
Ordering Information
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
Function Diagram
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
1x1 On/Off Switch
1x2 Switch
2x2 Add/Drop Switch
Package & Fiber Type
Mounting Type
Fiber Length
Wavelength
Switch Type
Type
P1+250μm bare fiber = 11
P2+900μm loose tube = 22
Dual-row pins on the bottom = 0
Single-row pins on the side with screw tabs = 1
0.5 meter = H
1.0 meter = 1
1.5 meter = 5
2.0 meter = 2
1310/1550nm = D
1310nm = 3
C+L bands = E
Latching = 0
Non-latching = 1
1x1 = 1100
1x2 = 1200
2x2 Add/Drop = 22AD
Connector
Type
None = 1
FC/PC = 2
FC/SPC = 3
FC/APC = 4
SC/PC = 5
SC/SPC = 6
SC/APC = 7
ST = 8
LC = 9
MU = A
OFMS Series Single Mode 1x1, 1x2 and 2x2
Add/Drop Optical Fiber Switches
OFMSSM Series
R03.20090528



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com