Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC352CD Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLC352CD
Description  LinCMOSE DUAL DIFFERENTIAL COMPARATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC352CD Datasheet(HTML) 4 Page - Texas Instruments

  TLC352CD Datasheet HTML 1Page - Texas Instruments TLC352CD Datasheet HTML 2Page - Texas Instruments TLC352CD Datasheet HTML 3Page - Texas Instruments TLC352CD Datasheet HTML 4Page - Texas Instruments TLC352CD Datasheet HTML 5Page - Texas Instruments TLC352CD Datasheet HTML 6Page - Texas Instruments TLC352CD Datasheet HTML 7Page - Texas Instruments TLC352CD Datasheet HTML 8Page - Texas Instruments TLC352CD Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
recommended operating conditions
TLC352C
TLC352I
TLC352M
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
Supply voltage, VDD
1.4
16
1.4
16
1.4
16
V
Common mode input voltage VIC
VDD = 5 V
0
3.5
0
3.5
0
3.5
V
Common-mode input voltage, VIC
VDD = 10 V
0
8.5
0
8.5
0
8.5
V
Operating free-air temperature, TA
0
70
– 40
85
– 55
125
°C
electrical characteristics at specified free-air temperature, VDD = 1.4 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLC352C
TLC352I
TLC352M
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VIC =VICR min
See Note 4
25
°C
2
5
2
5
2
5
mV
VIO
Input offset voltage
VIC = VICR min, See Note 4
Full range
6.5
7
10
mV
IIO
Input offset current
25
°C
1
1
1
pA
IIO
Input offset current
MAX
0.3
1
10
nA
IIB
Input bias current
25
°C
5
5
5
pA
IIB
Input bias current
MAX
0.6
2
20
nA
VICR
Common-mode input voltage
range
Full range
0 to
0.2
0 to
0.2
0 to
0.2
V
VOL
Low level output voltage
25
°C
100
200
100
200
100
200
mV
VOL
Low-level output voltage
Full range
200
200
200
mV
IOL
Low-level output current
VID = – 0.5 V,
VOL = 0.3 V
25
°C
1
1.6
1
1.6
1
1.6
mA
IDD
Supply current (two comparators)
VID =0 5V
No load
25
°C
65
150
65
150
65
150
µA
IDD
Supply current (two comparators)
VID = 0.5 V,
No load
Full range
200
200
200
µA
† All characteristics are measured with zero common-mode input voltage unless otherwise noted. Full range is 0
°C to 70°C for TLC352C, – 40°C to 85°C for TLC352I, – 55°C to 125°C
for TLC352M. IMPORTANT: See Parameter Measurement Information.
NOTE 4: The offset voltage limits given are the maximum values required to drive the output above 1.25 V or below 150 mV with a 10-k
Ω resistor between the output and VDD. They
can be verified by applying the limit value to the input and checking for the appropriate output state.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com