Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC352CD Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC352CD
Description  LinCMOSE DUAL DIFFERENTIAL COMPARATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC352CD Datasheet(HTML) 7 Page - Texas Instruments

  TLC352CD Datasheet HTML 1Page - Texas Instruments TLC352CD Datasheet HTML 2Page - Texas Instruments TLC352CD Datasheet HTML 3Page - Texas Instruments TLC352CD Datasheet HTML 4Page - Texas Instruments TLC352CD Datasheet HTML 5Page - Texas Instruments TLC352CD Datasheet HTML 6Page - Texas Instruments TLC352CD Datasheet HTML 7Page - Texas Instruments TLC352CD Datasheet HTML 8Page - Texas Instruments TLC352CD Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TLC352
LinCMOS
™ DUAL DIFFERENTIAL COMPARATOR
SLCS016 – SEPTEMBER 1985 – REVISED OCTOBER 1990
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER INFORMATION
Figure 2 illustrates a practical circuit for direct dc measurement of input offset voltage that does not bias the
comparator into the linear region. The circuit consists of a switching-mode servo loop in which U1a generates a
triangular waveform of approximately 20-mV amplitude. U1b acts as a buffer, with C2 and R4 removing any residual
dc offset. The signal is then applied to the inverting input of the comparator under test, while the noninverting input
is driven by the output of the integrator formed by U1c through the voltage divider formed by R9 and R10. The loop
reaches a stable operating point when the output of the comparator under test has a duty cycle of exactly 50%, which
can only occur when the incoming triangle wave is sliced symmetrically or when the voltage at the noninverting input
exactly equals the input offset voltage.
Voltage divider R9 and R10 provides a step up of the input offset voltage by a factor of 100 to make measurement
easier. The values of R5, R8, R9, and R10 can significantly influence the accuracy of the reading; therefore, it is
suggested that their tolerance level be 1% or lower.
Measuring the extremely low values of input current requires isolation from all other sources of leakage current and
compensation for the leakage of the test socket and board. With a good picoammeter, the socket and board leakage
can be measured with no device in the socket. Subsequently, this open-socket leakage value can be subtracted from
the measurement obtained with a device in the socket to obtain the actual input current of the device.
+
–
+
–
+
–
DUT
VDD
R5
1.8 k
Ω, 1%
C3 0.68
µF
U1c
1/4 TLC274CN
R7
1M
Ω
R8
1.8 k
Ω, 1%
R9
10 k
Ω, 1%
R2
10 k
Ω
R1
240 k
Ω
Triangle
Generator
Integrator
U1b
1/4 TLC274CN
Buffer
C2
1
µF
R10
100
Ω, 1%
R3
100 k
Ω
VIO
(X100)
C4
0.1
µF
R6
5.1 k
Ω
U1a
1/4 TLC274CN
R4
47 k
Ω
C1
0.1
µF
Figure 2. Circuit for Input Offset Voltage Measurement



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com