Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADLS15PC Datasheet(PDF) 2 Page - ADL Embedded Solutions

Part # ADLS15PC
Description  PC104/Plus Atom
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLS15PC Datasheet(HTML) 2 Page - ADL Embedded Solutions

  ADLS15PC Datasheet HTML 1Page - ADL Embedded Solutions ADLS15PC Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
PC/104-Plus
Data subject to change without notice
Technical Specifications
FEATURE
FUNCTION
REMARKS
OPTIONS
Processor/CPU:
Intel
® Atom TM Z5XX
L2-Cache:
512KB
Front Side Bus:
400/533 MHz
CPU dependent
CPU-Clock:
1.1GHz —1.60GHz
Memory 200pin DDR2 SODIMM:
512MB – 2GB
256MB on request
Video Controller:
Intel
® US15W SCH integrated
Intel
® GMA 500
Video Memory:
Max 8MB UMA / Max 256MB DVMT
Video Interfaces:
VGA-Analog CRT, LVDS
Dual Independent display
Video Channel 1:
1600 x 1200@60Hz
Video Channel 2:
1600 x 1200@60Hz
Real Time Clock:
Yes
External Battery Required for RTC
LAN-Controller:
Intel
® 82574L
10/100/1000Mb
AC97-Controller:
Intel
® US15W SCH
ALC885 Codec - Intel
® HDA
SMBus-Controller:
Intel
® US15W SCH
USB2-Controller:
8x USB 2.0 compliant
6 of 8 ports also USB 1.1 Compli-
ant. 1 port may be configured as a
“device”
Flash BIOS:
1MB FW Hub
BIOS:
Award
Power Management Control:
ACPI 3.0 / APM 1.2
Suspend To Disc supported
EIDE-Controller:
PIO 0-4, UDMA 100*/66*/33, Multi-word DMA (ATA-5)
Primary Master/Slave
*requires 80 conductor cable
HW-Monitor:
Winbond W83627HF
Audio Output:
Line Out, SPDIF Out
5.1 Support
Audio Input:
Line In, SPDIF In, MIC
Keyboard:
PS/2-USB
Mouse:
PS/2-USB
COM1:
RS232
Optional RS–422/485
COM2:
RS232
Optional RS–422/485
LPT1:
Uni/EPP/BI
Floppy Disk:
No floppy disk support
ISA-Bus:
Fintek F85226F
LPC-ISA-Bridge, full 16-bit, No DMA
PCI-Bus:
V3.0
Support For 4 Masters
Power Supply:
+5V ±5%
ADL PS104CF possible
Power consumption:
T.B.D.
Operating Temperature:
(typ. ambient)
-25ºC - +70ºC
*Extended Temp -optional
Provided CPU is kept below 90°C at all
times and the installation has sufficient
thermal path to dissipate
Dimensions:
96mm x 90mm
Onboard Flash SSD:
Up to 4GB
2GB / 4GB
Weight: (gr)
86 g
MTBF:
>219,000 Hours
Calculation method: MIL-HDBK-217F



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com