Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADLS15PC Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # ADLS15PC
Description  PC104/Plus Atom
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLS15PC Datasheet(HTML) 1 Page - ADL Embedded Solutions

  ADLS15PC Datasheet HTML 1Page - ADL Embedded Solutions ADLS15PC Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
PC/104-Plus
Data subject to change without notice
ADLS15PC - Intel
® AtomTM CPU 1.1GHz - 1.60GHz
Features
Intel® AtomTM
1.1GHz - 1.60GHz
Intel® SCH US15W Chipset
Power Management
Up to 2GB DDR2-DRAM
CRT / LVDS Interface Onboard
10/100/1000 Base-T Ethernet
8x USB2.0 Ports
PATA Storage Interface
COM1, COM2, LPT1
SM Bus Interface
RTC and Watchdog Timer
High Definition Audio
Up To 4GB Onboard SSD
PC/104 -Plus embedded form factor
+5V Single Rail Power Supply
Description
The ADLS15PC is based on the Intel® AtomTM and the Intel®
US15W (PoulsboTM) chipset. The Intel® AtomTM is a single core
processor built on a 45nm process that boasts an impressive
2.64 watts TDP. The Intel® AtomTM delivers the benefits of
genuine Intel® architecture to small form factor and thermally
constrained markets. The Intel® US15W System Controller Hub
(SCH) incorporates all functions of legacy GMCH and ICH archi-
tectures into a single die.
ADLS15PC takes advantage of these features by delivering high
performance and low thermals in a compact PC/104plus form
factor.
The Intel® graphics controller drives a CRT to
1600x1200@60Hz and/or 18/24 bit LVDS LCD. Memory is
added via an SODIMM200 socket that will accept up to 2GB of
DDR2-400/533 DRAM. In addition to ACPI/APM functions,
EIDE, 8xUSB 2.0, 2xRS232 COM ports, PS/2 Keyboard and
Mouse, LPT, AC97 Sound, 10/100/1000MBit LAN and more, the
ADLS15PC also comes equipped with up to 4GB onboard SSD.
ADL offers very effective active and passive thermal solutions
designed for this product. Contact your sales representative for
more information.
Ordering Information
Item Codes
Part#
Description
ADLS15PC-110
292310
PC104/Plus Atom 1.1GHz 0GB SSD
ADLS15PC-112
292312
PC104/Plus Atom 1.1GHz 2GB SSD
ADLS15PC-114
292314
PC104/Plus Atom 1.1GHz 4GB SSD
ADLS15PC-160
292360
PC104/Plus Atom 1.60GHz 0GB SSD
ADLS15PC-162
292362
PC104/Plus Atom 1.60GHz 2GB SSD
ADLS15PC-164
292364
PC104/Plus Atom 1.60GHz 4GB SSD
Thermal Solutions
ADLS15PC-SPREADER
TBD
Heat Spreader ALDS15PC
ADLS15PC-FANSINK
TBD
Active Heat Sink Set ADLS15PC
Standard DDR2-RAM
DDR2-DRAM512-6SM
996925
915/945DDR2 512MB 667MHz 200pin
DDR2-DRAM1024-6SM
996025
915/945DDR2 1GB 667MHz 200pin
DDR2-DRAM2048-6SM
996125
915/945DDR2 2GB 667MHz 200pin
DDR2-RAM Ext. Temp
DDR2-DRAM512-EX
996927
915/945DDR2 512MB 667MHz 200pin -40°C - +85°C
DDR2-DRAM1024-EX
996027
915/945DDR2 1GB 667MHz 200pin -40°C - +85°C
DDR2-DRAM2048-EX
996127
915/945DDR2 2GB 667MHz 200pin -40°C - +85°C
*More options may be available, please contact our Sales office *


Similar Part No. - ADLS15PC

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ADLS15PC ADL-ADLS15PC Datasheet
609Kb / 4P
Traffic technology
ADLS15PC-1 ADL-ADLS15PC-1 Datasheet
609Kb / 4P
Traffic technology
ADLS15PC-110 ADL-ADLS15PC-110 Datasheet
609Kb / 4P
Traffic technology
ADLS15PC-112 ADL-ADLS15PC-112 Datasheet
609Kb / 4P
Traffic technology
ADLS15PC-114 ADL-ADLS15PC-114 Datasheet
609Kb / 4P
Traffic technology
More results

Similar Description - ADLS15PC

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-4386 ADVANTECH-PCM-4386 Datasheet
334Kb / 2P
Intel Celeron짰 M EPIC SBC with VGA/ LVDS/ Dual LAN/ PC104 Plus
logo
Harwin Plc
M20-6102005 HARWIN-M20-6102005 Datasheet
92Kb / 1P
PC104 CONNECTOR (STACK THROUGH)
M20-6112005 HARWIN-M20-6112005 Datasheet
90Kb / 1P
PC104 CONNECTOR (STACK THROUGH)
M22-2021205 HARWIN-M22-2021205 Datasheet
63Kb / 1P
PC104 PLUS CONNECTOR (STACKTHROUGH)
M22-6003005 HARWIN-M22-6003005 Datasheet
63Kb / 1P
PC104 PLUS CONNECTOR (STACKTHROUGH)
logo
Advantech Co., Ltd.
PCM-3835-00A1E ADVANTECH-PCM-3835-00A1E Datasheet
550Kb / 2P
PC104 IO & Power Modules
PCM-3836-0000E ADVANTECH-PCM-3836-0000E Datasheet
725Kb / 1P
PC104 IO & Power Modules
logo
Harwin Plc
M22-6013005 HARWIN-M22-6013005 Datasheet
62Kb / 1P
PC104 PLUS CONNECTOR
M22-6023042 HARWIN-M22-6023042 Datasheet
61Kb / 1P
PC104 PLUS POST HEADER
M22-6033042 HARWIN-M22-6033042 Datasheet
62Kb / 1P
PC104 PLUS POST HEADER RECEPTACLE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com