Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC41 Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # PC41
Description  MICROSPACE PC Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

PC41 Datasheet(HTML) 1 Page - ADL Embedded Solutions

  PC41 Datasheet HTML 1Page - ADL Embedded Solutions PC41 Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
MICROSPACE PC Systems
All Data subject to change without notice
MICROSPACE-PC41
Feature
• Pentium M-738 Standard
• 512MB Memory
• 80GB disk
• DVD/CDRW Drive
• 5x USB V2.0
• LAN-Port A
• 2x IEEE1394
• LPT and COM1
• DirectX 9, 64MB video Memory, VGA, DVI, TV In/Out
• MiniPCI connector
• Wake up from LAN and Boot over LAN (RPL/PXE)
• Fanless operating temperature +5°C to +50°C
• Small Dimensions: 159 x 245 x 66mm
• MPEG2 Encoder
Description
The MICROSPACE PC normally comes equipped with a hard
disk, memory, video, USB ports, LAN ports and has been factory
tested to assure functionality. Each model has a unique feature
incorporated to differentiate it from the other models. The unit can
come pre-configured with the operating system and drivers in-
stalled.
The MICROSPACE PC41 may be installed horizontally or
vertically as well as mounted in a vehicle - it is very versatile. Its
compact size makes the computer easy to install in places where
limited space is available. The MICROSPACE PC also works well
in extremely dusty environments, since no dust particles are
drawn in (fan-less design) as it is protected by the book size
aluminum case. It is designed for maintenance free long-term
operating in a rugged environment. These are the special features
of the MICROSPACE PC which make it the smallest, quietest PC
we know of in the market with this much processing power. Each
MICROSPACE PC model is equipped with unique features and a
wide range of options. Please see backside for details and contact
our Sales office.
Ordering Information
Item Codes
Part#
Description
Microspace-PC41
812470
For MPEG2 Video-streaming
Wireless LAN
813087
WLAN (must be ordered with unit)
1GB
807363
Upgrade to 1GB DDR memory
DVDRW
807371
Upgrade to DVDRW
DVD/CDRW remove
807376
Remove DVD/CDRW
CF upgrade
807373
Compact Flash TypeII
Celeron-M300
807356
Replace CPU with CeleronM300
Celeron-M373
807357
Replace CPU with CeleronM373
Pentium–M745
807358
Replace CPU with Pentium M745
Pentium–M755
807358
Replace CPU with Pentium M755**
US Power Cable
100-9639 US Power Cable
Active cooler
814190
USB 5VDC fan
MPC-AC-cooler
814195
Mechanical interface to a vehicle A/C
MPC-Mountingkit-V 814055
Mounting kit for MPC in Vehicle
MPC-DIN
812120
DIN rail Wall mount Assembly (w/o rail)
** limited availability
*More options may be available, please contact our Sales office*
Options


Similar Part No. - PC41

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC410 SHARP-PC410 Datasheet
50Kb / 5P
Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PC410L SHARP-PC410L Datasheet
337Kb / 13P
High Speed 10Mb/s, High CMR Mini-flat Package ?뾑PIC Photocoupler
PC410L0NIP SHARP-PC410L0NIP Datasheet
52Kb / 6P
High Speed Response, High CMR OPIC Photocoupler
PC410L0NIP0F SHARP-PC410L0NIP0F Datasheet
337Kb / 13P
High Speed 10Mb/s, High CMR Mini-flat Package ?뾑PIC Photocoupler
PC410L0YIP0F SHARP-PC410L0YIP0F Datasheet
337Kb / 13P
High Speed 10Mb/s, High CMR Mini-flat Package ?뾑PIC Photocoupler
More results

Similar Description - PC41

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSM386SN ETC2-MSM386SN Datasheet
34Kb / 1P
MICROSPACE PC/104
logo
ADL Embedded Solutions
PC40 ADL-PC40 Datasheet
213Kb / 2P
MICROSPACE PC Systems
MPC40A ADL-MPC40A Datasheet
189Kb / 2P
MICROSPACE Systems
PCX47 ADL-PCX47 Datasheet
223Kb / 2P
MICROSPACE PC Systems
PCX48 ADL-PCX48 Datasheet
77Kb / 2P
MICROSPACE PC Systems
MPC40C ADL-MPC40C Datasheet
231Kb / 2P
MICROSPACE Systems
MPCF40 ADL-MPCF40 Datasheet
301Kb / 2P
MICROSPACE System
MPCV800 ADL-MPCV800 Datasheet
188Kb / 2P
MICROSPACE PC Systems
logo
FSP TECHNOLOGY INC.
FSP100-RAA FSP-FSP100-RAA Datasheet
76Kb / 1P
AIO systems, PC systems, laptops
FSP150-ABBN2 FSP-FSP150-ABBN2 Datasheet
137Kb / 1P
AIO systems, PC systems, Mini-ITX systems
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com