Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM586SEL Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # MSM586SEL
Description  133MHz, 0MB SDRAM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

MSM586SEL Datasheet(HTML) 1 Page - ADL Embedded Solutions

  MSM586SEL Datasheet HTML 1Page - ADL Embedded Solutions MSM586SEL Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
MICROSPACE PC/104
Data subject to change without notice
AMD Processor 133MHz - MSM586SEL / SEG / SEN
Feature
• AMD ELAN520 Processor
• 133MHz
• Power Management
• 32-128MB SDRAM in SODIMM Socket
• CRT/LCD on-board
• 100/10Base-T LAN-Ethernet
• E-IDE (1.8/2.5” drives) Hard Disk Interface
• SXGA/LCD (ATI-M1), 8MB internal VRAM
• CRT and LCD/LVDS (18/24Bit) dual independent displays
SEG ONLY
• 2x USB (1.1) for SEG and SEL ONLY
• COM1, COM2, COM3, COM4, LPT
• RTC with Battery Back-up, Watchdog
• DiskOnChip Socket
• EEPROM
• Single 5V Power Supply
• Compact Flash Socket
• PC/104 (ISA) BUS
Description
The MICROSPACE PC/104 MSM586SEL/SEG
board utilizes the AMD ELAN520 processor and
integrates all standard functions of a PC. It includes
an on-board CRT/LCD interface (SEG ONLY),
which allows connecting to a CRT and/or 3V/5V flat
panels via 24Bit TFT LCD interface. Expansions
cards (i.e. additional COM ports, Ethernet, etc.) can
be added using the PC/104 bus. Operating Sys-
tems can be booted from floppy disk, hard disk, or
from the flash disk (compact flash or DOC). A non
volitile EEPROM allows to save setup values with-
out a battery connected and a programmable
watchdog timer is on board. Power consumption is
also low and is typically around 0.86A (typ. for
SEL) at 5V. No fan is needed (Passive cooling).
Ordering Information
Item Codes
Part#
Description
MSM586SEG
801370
133MHz, 0MB SDRAM, VGA, LAN, USB
MSM586SEL
801380
133MHz, 0MB SDRAM, no VGA, LAN, USB
MSM586SEN
801350
133MHz, 0MB SDRAM, no VGA, LAN, no USB
Options
MSM-CK
802605
Cable kit, incl. cable for 1.8/2.5” hard drive
Assembly-Kit
710460
4PC/104 Std. Stand-off posts, Hex Nuts, screws
MSEIDECK
100-9637 44Pin to two 40Pin IDE cable
MSFC
801071
Adapter for regular floppy drive to micro-floppy dr
SDRAM options
SDRAM32-ES
991514
SDRAM 144pin, 32MB, 1.0”, -25C/+70C
*More options may be available, please contact our Sales Office *
SDRAM64-ES
991614
SDRAM 144pin, 64MB, 1.0”, -25C/+70C
SDRAM128-ES
991724
SDRAM 144pin, 128MB, 1.0”, -25C/+70C
SDRAM32-EE
991517
Enh. SDRAM 144pin, 32MB, 1.0”, -40C/+85C
CF1-Retainer
989990
Type 1 CF retaining clip for MSM series, installed
SDRAM64-EE
991617
Enh. SDRAM 144pin, 64MB, 1.0”, -40C/+85C
SDRAM128-EE
991727
Enh. SDRAM 144pin, 128MB, 1.0”, -40C/+85C
Picture shows MSM586SEG


Similar Part No. - MSM586SEL

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
MSM586SL ADL-MSM586SL Datasheet
203Kb / 2P
Soldered 32MB SDRAM (64MB)
MSM586SL-32 ADL-MSM586SL-32 Datasheet
203Kb / 2P
Soldered 32MB SDRAM (64MB)
MSM586SL-64 ADL-MSM586SL-64 Datasheet
203Kb / 2P
Soldered 32MB SDRAM (64MB)
More results

Similar Description - MSM586SEL

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194R-KX WINBOND-W83194R-KX Datasheet
177Kb / 13P
133MHZ 3-DIMM K7 CLOCK
logo
Integrated Circuit Syst...
ICS9248-80 ICST-ICS9248-80 Datasheet
157Kb / 7P
General Purpose 133MHz System Clock
Rev A 3/21/00
logo
Mitel Networks Corporat...
DW9256 MITEL-DW9256 Datasheet
99Kb / 4P
133MHZ SAW Filter
logo
STMicroelectronics
M65KG256AB STMICROELECTRONICS-M65KG256AB Datasheet
506Kb / 51P
256Mbit (4 Banks x 4M x 16) 1.8V Supply, 133MHz Clock Rate, DDR Low Power SDRAM
09-Feb-2006
logo
SIPAT Co,Ltd
LBT13301 SIPAT-LBT13301 Datasheet
150Kb / 3P
133MHz SAW Filter 10MHz Bandwidth
logo
Integrated Device Techn...
ICS843S104I-133 IDT-ICS843S104I-133 Datasheet
1Mb / 24P
Crystal-to-LVPECL 133MHz Clock Synthesizer
logo
SIPAT Co,Ltd
LBT13301 SIPAT-LBT13301 Datasheet
150Kb / 3P
133MHz SAW Filter 10MHz Bandwidth
logo
Texas Instruments
CDC922 TI1-CDC922_06 Datasheet
254Kb / 18P
133MHz CLOCK SYNTHESIZER/DRIVER
CDC924 TI1-CDC924_08 Datasheet
462Kb / 21P
133Mhz Clock Synthesizer/Driver
logo
Renesas Technology Corp
ICS9248-80 RENESAS-ICS9248-80 Datasheet
423Kb / 8P
General Purpose 133MHz System Clock
2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com