Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9248-80 Datasheet (PDF) - Renesas Technology Corp

ICS9248-80 Datasheet PDF - Renesas Technology Corp
Part # ICS9248-80
Download  ICS9248-80 Download
File Size   423.71 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description General Purpose 133MHz System Clock

ICS9248-80 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9248-80 Datasheet PDF - Renesas Technology Corp

Part # ICS9248-80
Download  ICS9248-80 Click to download

File Size   423.71 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description General Purpose 133MHz System Clock

ICS9248-80 Datasheet (HTML) - Renesas Technology Corp


ICS9248-80 Product details

Features
Extended temperature range (-20°C to +70°C)
Output features:
-8 CLK outputs @ 3.3V, up to 133.34MHz.
- 1-REF output @3.3V, 14.31818MHz.
Spread Spectrum for EMI control
I2C interface to stop clocks, select spread and frequency.
Excellent power managment feature through CLK._STOP#
and individual stop clocks through I2C.
Input is from a 14.31818MHz cystal,




Similar Part No. - ICS9248-80

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-80 ICST-ICS9248-80 Datasheet
157Kb / 7P
General Purpose 133MHz System Clock
Rev A 3/21/00
More results


Similar Description - ICS9248-80

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2010 PHILIPS-PCK2010 Datasheet
113Kb / 16P
CK98 100/133MHz Spread Spectrum System Clock Generator
1999 Mar 01
PCK2010R PHILIPS-PCK2010R Datasheet
102Kb / 18P
CK98R 100/133MHz RCC spread spectrum system clock generator
1999 Oct 19
PCK2010RA PHILIPS-PCK2010RA Datasheet
108Kb / 16P
CK98R 100/133MHz RCC spread spectrum system clock generator
2001 Apr 02
PCK2020 PHILIPS-PCK2020 Datasheet
110Kb / 16P
CK00 100/133MHz spread spectrum differential system clock generator
2000 Nov 13
logo
Winbond
W83194R-KX WINBOND-W83194R-KX Datasheet
177Kb / 13P
133MHZ 3-DIMM K7 CLOCK
logo
Integrated Circuit Syst...
ICS9248-80 ICST-ICS9248-80 Datasheet
157Kb / 7P
General Purpose 133MHz System Clock
Rev A 3/21/00
logo
Fairchild Semiconductor
RC7106 FAIRCHILD-RC7106 Datasheet
815Kb / 16P
133MHz Spread Spectrum Clock for Motherboards
logo
Integrated Device Techn...
ICS843S104I-133 IDT-ICS843S104I-133 Datasheet
1Mb / 24P
Crystal-to-LVPECL 133MHz Clock Synthesizer
logo
Texas Instruments
CDC922 TI1-CDC922_06 Datasheet
254Kb / 18P
133MHz CLOCK SYNTHESIZER/DRIVER
CDC924 TI1-CDC924_08 Datasheet
462Kb / 21P
133Mhz Clock Synthesizer/Driver
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com