Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC3702CD Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3702CD
Description  DUAL MICROPOWER LinCMOSE VOLTAGE COMPARATORS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3702CD Datasheet(HTML) 4 Page - Texas Instruments

  TLC3702CD Datasheet HTML 1Page - Texas Instruments TLC3702CD Datasheet HTML 2Page - Texas Instruments TLC3702CD Datasheet HTML 3Page - Texas Instruments TLC3702CD Datasheet HTML 4Page - Texas Instruments TLC3702CD Datasheet HTML 5Page - Texas Instruments TLC3702CD Datasheet HTML 6Page - Texas Instruments TLC3702CD Datasheet HTML 7Page - Texas Instruments TLC3702CD Datasheet HTML 8Page - Texas Instruments TLC3702CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TLC3702
DUAL MICROPOWER LinCMOS
™ VOLTAGE COMPARATORS
SLCS013D – NOVEMBER 1986 – REVISED NOVEMBER 1998
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
TLC3702I
UNIT
MIN
NOM
MAX
UNIT
Supply voltage, VDD
3
5
16
V
Common-mode input voltage, VIC
–0.2
VDD – 1.5
V
High-level output current, IOH
–20
mA
Low-level output current, IOL
20
mA
Operating free-air temperature, TA
–40
85
°C
electrical characteristics at specified operating free-air temperature, VDD = 5 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS†
TA
TLC3702I
UNIT
PARAMETER
TEST CONDITIONS†
TA
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VDD = 5 V to 10 V,
25
°C
1.2
5
mV
VIO
Input offset voltage
DD
VIC = VICRmin, See Note 3
–40
°C to 85°C
7
mV
IIO
Input offset current
VIC =2 5V
25
°C
1
pA
IIO
Input offset current
VIC = 2.5 V
85
°C
1
nA
IIB
Input bias current
VIC =2 5V
25
°C
5
pA
IIB
Input bias current
VIC = 2.5 V
85
°C
2
nA
VICR
Common mode input voltage range
25
°C
0 to
VDD – 1
V
VICR
Common-mode input voltage range
–40
°C to 85°C
0 to
VDD – 1.5
V
25
°C
84
CMRR
Common-mode rejection ratio
VIC = VICRmin
85
°C
84
dB
–40
°C
83
25
°C
85
kSVR
Supply-voltage rejection ratio
VDD = 5 V to 10 V
85
°C
85
dB
–40
°C
83
VOH
High level output voltage
VID =1V
IOH =4 mA
25
°C
4.5
4.7
V
VOH
High-level output voltage
VID = 1 V,
IOH = – 4 mA
85
°C
4.3
V
VOL
Low level output voltage
VID =1 V
IOH =4 mA
25
°C
210
300
mV
VOL
Low-level output voltage
VID = –1 V,
IOH = – 4 mA
85
°C
400
mV
IDD
Supply current (both comparators)
Outputs low
No load
25
°C
18
40
µA
IDD
Supply current (both comparators)
Outputs low,
No load
–40
°C to 85°C
65
µA
† All characteristics are measured with zero common-mode voltage unless otherwise noted.
NOTE 3. The offset voltage limits given are the maximum values required to drive the output up to 4.5 V or down to 0.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com