Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC3702CD Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3702CD
Description  DUAL MICROPOWER LinCMOSE VOLTAGE COMPARATORS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3702CD Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC3702CD Datasheet HTML 9Page - Texas Instruments TLC3702CD Datasheet HTML 10Page - Texas Instruments TLC3702CD Datasheet HTML 11Page - Texas Instruments TLC3702CD Datasheet HTML 12Page - Texas Instruments TLC3702CD Datasheet HTML 13Page - Texas Instruments TLC3702CD Datasheet HTML 14Page - Texas Instruments TLC3702CD Datasheet HTML 15Page - Texas Instruments TLC3702CD Datasheet HTML 16Page - Texas Instruments TLC3702CD Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
TLC3702
DUAL MICROPOWER LinCMOS
™ VOLTAGE COMPARATORS
SLCS013D – NOVEMBER 1986 – REVISED NOVEMBER 1998
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
8
IIB
Input bias current
vs Free-air temperature
9
CMRR
Common-mode rejection ratio
vs Free-air temperature
10
kSVR
Supply-voltage rejection ratio
vs Free-air temperature
11
VOH
High level output current
vs Free-air temperature
12
VOH
High-level output current
vs High-level output current
13
VOL
Low level output voltage
vs Low-level output current
14
VOL
Low-level output voltage
vs Free-air temperature
15
tt
Transition time
vs Load capacitance
16
Supply current response
vs Time
17
Low-to-high-level output response
Low-to-high level output propagation delay time
18
High-to-low level output response
High-to-low level output propagation delay time
19
tPLH
Low-to-high level output propagation delay time
vs Supply voltage
20
tPHL
High-to-low level output propagation delay time
vs Supply voltage
21
vs Frequency
22
IDD
Supply current
qy
vs Supply voltage
23
DD
y
vs Free-air temperature
24
Figure 8
VDD = 5 V
VIC = 2.5 V
TA = 25° C
–5
–4
–3
–2
–1
0
1
2
3
4
5
VIO – Input Offset Voltage – mV
DISTRIBUTION OF INPUT
OFFSET VOLTAGE
200
180
160
140
120
100
80
60
40
20
0
698 Units Tested
From 4 Wafer Lots
Figure 9
TA – Free-Air Temperature – °C
25
50
75
100
125
10
1
0.1
0.01
0.001
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
VDD = 5 V
VIC = 2.5 V
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com