Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5617 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC5617
Description  PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5617 Datasheet(HTML) 1 Page - Texas Instruments

  TLC5617 Datasheet HTML 1Page - Texas Instruments TLC5617 Datasheet HTML 2Page - Texas Instruments TLC5617 Datasheet HTML 3Page - Texas Instruments TLC5617 Datasheet HTML 4Page - Texas Instruments TLC5617 Datasheet HTML 5Page - Texas Instruments TLC5617 Datasheet HTML 6Page - Texas Instruments TLC5617 Datasheet HTML 7Page - Texas Instruments TLC5617 Datasheet HTML 8Page - Texas Instruments TLC5617 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TLC5617, TLC5617A
PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS151B – JULY 1997 – REVISED MARCH 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Programmable Settling Time to 0.5 LSB
2.5
µs or 12.5 µs Typ
D Two 10-Bit CMOS Voltage Output DACs in
an 8 Pin Package
D Simultaneous Updates for DAC A
and DAC B
D Single Supply Operation
D 3-Wire Serial Interface
D High-Impedance Reference Inputs
D Voltage Output Range ...2 Times the
Reference Input Voltage
D Software Power Down Mode
D Internal Power-On Reset
D TMS320 and SPI Compatible
D Low Power Consumption:
– 3 mW Typ in Slow Mode
– 8 mW Typ in Fast Mode
D Input Data Update Rate of 1.21 MHz
D Monotonic Over Temperature
applications
D Battery Powered Test Instruments
D Digital Offset and Gain Adjustment
D Battery Operated/Remote Industrial
Controls
D Machine and Motion Control Devices
D Cellular Telephones
The TLC5617 and TLC5617A are dual 10-bit
voltage output digital-to-analog converters (DAC)
with buffered reference inputs (high impedance).
The DACs have an output voltage range that is
two times the reference voltage, and the DACs are
monotonic. The devices are simple to use,
running from a single supply of 5 V. A power-on
reset function is incorporated to ensure repeat-
able start-up conditions.
Digital control of the TLC5617 is over a 3-wire CMOS compatible serial bus. The device receives a 16-bit word
for programming and producing the analog output. The digital inputs feature Schmitt triggers for high noise
immunity. Digital communication protocols include the SPI
™, QSPI™, and Microwire™ standards.
Two versions of this device are available. The TLC5617 does not have any internal state machine and is
dependent on all external timing signals. The TLC5617A has an internal state machine that will count the
number of clocks from the falling edge of CS and then updates and disables the device from accepting further
data inputs. The TLC5617A is recommended for TMS320 and SPI processors and the TLC5617 is
recommended only for use in SPI or 3-wire serial port processors. The TLC5617A is backward compatible and
designed to work in TLC5617 designed systems.
The 8-terminal small-outline D package allows digital control of analog functions in space-critical applications.
The TLC5617C is characterized for operation from 0
°C to 70°C. The TLC5617I is characterized for operation
from – 40
°C to 85°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SPI and QSPI are trademarks of Motorola, Inc.
Microwire is a trademark of National Semiconductor Corporation.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
DIN
SCLK
CS
OUT A
VDD
OUT B
REFIN
AGND
D PACKAGE
(TOP VIEW)


Similar Part No. - TLC5617

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5617 TI1-TLC5617 Datasheet
313Kb / 21P
PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5617A TI1-TLC5617A Datasheet
313Kb / 21P
PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5617ACD TI1-TLC5617ACD Datasheet
313Kb / 21P
PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5617ACDR TI1-TLC5617ACDR Datasheet
313Kb / 21P
PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5617AID TI1-TLC5617AID Datasheet
313Kb / 21P
PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC5617

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5615C TI-TLC5615C Datasheet
244Kb / 18P
10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5618 TI-TLC5618 Datasheet
376Kb / 26P
PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Microchip Technology
MCP300X MICROCHIP-MCP300X Datasheet
450Kb / 2P
MCP300X 10-Bit Analog-to-Digital Converters
2001
logo
Texas Instruments
TLC5615C TI-TLC5615C_07 Datasheet
467Kb / 21P
10-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Pan Jit International I...
DAC3154 PANJIT-DAC3154 Datasheet
1Mb / 46P
Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Texas Instruments
TLC5618ACDR TI1-TLC5618ACDR Datasheet
636Kb / 24P
PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_15 Datasheet
702Kb / 23P
10-BIT DIGITAL-TO-ANALOG CONVERTERS
DAC3154 TI1-DAC3154_16 Datasheet
1Mb / 46P
Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
TLC5617 TI1-TLC5617_05 Datasheet
313Kb / 21P
PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5618 TI1-TLC5618_16 Datasheet
872Kb / 25P
PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com