Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC3154 Datasheet (PDF) - Pan Jit International Inc.

DAC3154 Datasheet PDF - Pan Jit International Inc.
Part # DAC3154
Download  DAC3154 Download
File Size   1205.18 Kbytes
Page   46 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters

DAC3154 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC3154 Datasheet PDF - Pan Jit International Inc.

Part # DAC3154
Download  DAC3154 Click to download

File Size   1205.18 Kbytes
Page   46 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters

DAC3154 Datasheet (HTML) - Pan Jit International Inc.


DAC3154 Product details

DESCRIPTION
The DAC3154/DAC3164 are dual channel 10-/12-bit, pin-compatible family of 500 MSPS digital-to-analog converters (DAC). The DAC3154/DAC3164 use a 10- /12-bit wide LVDS digital bus with an input FIFO. FIFO input and output pointers can be synchronized across multiple devices for precise signal synchronization. The DAC outputs are current sourcing and terminate to GND with a compliance range of –0.5 to 1V. DAC3154/ DAC3164 are pin compatible with the dual-channel, 14-bit, 500 MSPS digital-to-analog converters DAC3174, and the single channel, 14-/12-10-bit, digital-to-analog converters DAC3171/DAC3161/DAC3151.

FEATURES
• Dual Channel
• Resolution
    – DAC3154: 10-Bit
    – DAC3164: 12-Bit
• Maximum Sample Rate: 500 MSPS
• Pin Compatible Family with DAC3174 and DAC3151/DAC3161/DAC3171
• Input Interface:
    – 12-/10-Bit Wide LVDS Inputs
    – Internal FIFO
• Chip to Chip Synchronization
• Power Dissipation: 460mW
• Spectral Performance at 20 MHz IF
    – SNR: 62 dBFS for DAC3154, 72 dBFS for DAC3164
    – SFDR: 76 dBc for DAC3154, 77 dBc for DAC3164
• Current Sourcing DACs
• Compliance Range: –0.5V to 1V
• Package: 64 Pin QFN (9x9mm)

APPLICATIONS
• Multi-Carrier, Multi-Mode Cellular Infrastructure Base Stations
• Radar
• Signal Intelligence
• Software-Defined Radio
• Test and Measurement Instrumentation




Similar Part No. - DAC3154

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3154 TI1-DAC3154 Datasheet
1Mb / 46P
Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3154IRGCR TI1-DAC3154IRGCR Datasheet
1Mb / 46P
Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3154IRGCT TI1-DAC3154IRGCT Datasheet
1Mb / 46P
Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3154 TI1-DAC3154_16 Datasheet
1Mb / 46P
Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
More results


Similar Description - DAC3154

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
12-Bit, 500-MSPS Analog-to-Digital Converter
ADS54RF63 TI-ADS54RF63 Datasheet
1Mb / 48P
12-Bit, 500-/550-MSPS Analog-to-Digital Converters
DAC3152 TI1-DAC3152 Datasheet
976Kb / 30P
Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
logo
Analog Devices
AD9763 AD-AD9763_11 Datasheet
643Kb / 44P
10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
logo
Texas Instruments
DAC3151 TI-DAC3151 Datasheet
1Mb / 57P
Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
ADS5407 TI-ADS5407 Datasheet
1Mb / 41P
Dual Channel 12-Bit 500 Msps Analog to Digital Converter
DAC3151IRGCT TI1-DAC3151IRGCT Datasheet
1Mb / 56P
Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
ADS5463 TI1-ADS5463_14 Datasheet
1Mb / 49P
12-Bit, 500-/550-MSPS Analog-to-Digital Converters
DAC3152 TI-DAC3152_15 Datasheet
1Mb / 31P
Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
DAC3154 TI1-DAC3154_16 Datasheet
1Mb / 46P
Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com