Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC3154 Datasheet(PDF) 10 Page - Pan Jit International Inc.

Part # DAC3154
Description  Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

DAC3154 Datasheet(HTML) 10 Page - Pan Jit International Inc.

Back Button DAC3154 Datasheet HTML 6Page - Pan Jit International Inc. DAC3154 Datasheet HTML 7Page - Pan Jit International Inc. DAC3154 Datasheet HTML 8Page - Pan Jit International Inc. DAC3154 Datasheet HTML 9Page - Pan Jit International Inc. DAC3154 Datasheet HTML 10Page - Pan Jit International Inc. DAC3154 Datasheet HTML 11Page - Pan Jit International Inc. DAC3154 Datasheet HTML 12Page - Pan Jit International Inc. DAC3154 Datasheet HTML 13Page - Pan Jit International Inc. DAC3154 Datasheet HTML 14Page - Pan Jit International Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
DAC3154
DAC3164
SLAS960 – MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS – DC SPECIFICATIONS (continued)
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, DAC sample rate = 500MSPS, 50% clock
duty cycle, VDDA33/IOVDD = 3.3V, VDDA18/CLKVDD18/DIGVDD18 = 1.8V, IOUTFS = 20mA (unless otherwise noted).
DAC3154
DAC3164
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
POWER CONSUMPTION
IVDDA33
3.3V Analog supply current
52
59
52
59
mA
ICLKVDD18 1.8V Clock supply current
49
67
49
57
mA
MODE 1
1.8V Digital supply current
fDAC = 491.52 MSPS,
IDIGVDD18
115
130
115
130
mA
(DIGVDD18 and VFUSE)
QMC on,
IF = 20 MHz
IIOVDD
1.8V IO Supply current
0.002
0.015
0.002
0.015
mA
Pdis
Total power dissipation
464
530
464
530
mW
IVDDA33
3.3V Analog supply current
51
51
mA
ICLKVDD18 1.8V Clock supply current
38
38
mA
MODE 2
1.8V Digital supply current
fDAC = 320 MSPS,
IDIGVDD18
87
87
mA
(DIGVDD18 and VFUSE)
QMC on,
IF = 20 MHz
IIOVDD
1.8V IO Supply current
0.002
0.002
mA
Pdis
Total power dissipation
396
396
mW
IVDDA33
3.3V Analog supply current
2.6
2.6
mA
ICLKVDD18 1.8V Clock supply current
43
43
mA
MODE 3
1.8V Digital supply current
Sleep mode,
IDIGVDD18
110
110
mA
(DIGVDD18 and VFUSE)
fDAC = 491.52 MSPS,
DAC in sleep mode
IIOVDD
1.8V IO Supply current
0.003
0.003
mA
Pdis
Total power dissipation
284
284
mW
IVDDA33
3.3V Analog supply current
1.6
4
1.6
4
mA
ICLKVDD18 1.8V Clock supply current
1.8
4
1.8
4
mA
MODE 4
1.8V Digital supply current
Power-down mode,
IDIGVDD18
1.7
3
mA
(DIGVDD18 and VFUSE)
no clock,
DAC in sleep mode
IIOVDD
1.8V IO Supply current
0.003
0.015
0.003
0.015
mA
Pdis
Total power dissipation
10
26
10
26
mW
PSRR
Power supply rejection ratio
DC tested
–0.4
0.4
-0.4
0.4 %/FSR/V
T
Operating temperature
–40
85
-40
85
°C
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DAC3154 DAC3164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com