Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC3154 Datasheet(PDF) 8 Page - Pan Jit International Inc.

Part # DAC3154
Description  Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

DAC3154 Datasheet(HTML) 8 Page - Pan Jit International Inc.

Back Button DAC3154 Datasheet HTML 4Page - Pan Jit International Inc. DAC3154 Datasheet HTML 5Page - Pan Jit International Inc. DAC3154 Datasheet HTML 6Page - Pan Jit International Inc. DAC3154 Datasheet HTML 7Page - Pan Jit International Inc. DAC3154 Datasheet HTML 8Page - Pan Jit International Inc. DAC3154 Datasheet HTML 9Page - Pan Jit International Inc. DAC3154 Datasheet HTML 10Page - Pan Jit International Inc. DAC3154 Datasheet HTML 11Page - Pan Jit International Inc. DAC3154 Datasheet HTML 12Page - Pan Jit International Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
DAC3154
DAC3164
SLAS960 – MAY 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VDDA33 to GND
–0.5 to 4
VDDA18 to GND
–0.5 to 2.3
Supply voltage
CLKVDD18 to GND
–0.5 to 2.3
V
IOVDD to GND
–0.5 to 4
DIGVDD18 to GND
–0.5 to 2.3
CLKVDD18 to DIGVDD18
–0.5 to 0.5
VDDA18 to DIGVDD18
–0.5 to 0.5
D[11..0]P, D[11..0]N, DATACLKP, DATACLKN, SYNCP, SYNCN to GND
–0.5 to DIGVDD18 + 0.5
Terminal voltage
DACCLKP, DACCLKN, ALIGNP, ALIGNN
–0.5 to CLKVDD18 + 0.5
V
range
TXENABLE, ALARM, SDO, SDIO, SCLK, SDENB, RESETB to GND
–0.5 to IOVDD + 0.5
IOUTAP, IOUTAN, IOUTBP, IOUTBN to GND
–0.7 to 1.4
EXTIO, BIASJ to GND
–0.5 to VDDA33 + 0.5
Storage temperature range
–65 to 150
°C
ESD, Human Body Model
2
kV
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
THERMAL INFORMATION
DAC3174
THERMAL METRIC(1)
UNITS
QFN (64 PIN)
θJA
Junction-to-ambient thermal resistance
23.0
θJCtop
Junction-to-case (top) thermal resistance
7.6
θJB
Junction-to-board thermal resistance
2.8
°C/W
ψJT
Junction-to-top characterization parameter
0.1
ψJB
Junction-to-board characterization parameter
2.8
θJCbot
Junction-to-case (bottom) thermal resistance
0.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DAC3154 DAC3164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com