Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC548IP Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC548IP
Description  8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC548IP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC548IP Datasheet HTML 3Page - Texas Instruments TLC548IP Datasheet HTML 4Page - Texas Instruments TLC548IP Datasheet HTML 5Page - Texas Instruments TLC548IP Datasheet HTML 6Page - Texas Instruments TLC548IP Datasheet HTML 7Page - Texas Instruments TLC548IP Datasheet HTML 8Page - Texas Instruments TLC548IP Datasheet HTML 9Page - Texas Instruments TLC548IP Datasheet HTML 10Page - Texas Instruments TLC548IP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TLC548C, TLC548I, TLC549C, TLC549I
8-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL
SLAS067C – NOVEMBER 1983 – REVISED SEPTEMBER 1996
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATIONS INFORMATION
simplified analog input analysis
Using the equivalent circuit in Figure 2, the time required to charge the analog input capacitance from 0 to VS
within 1/2 LSB can be derived as follows:
The capacitance charging voltage is given by
VC = VS 1–e
–tc/RtCi
(
)
(1)
where
Rt = Rs + ri
The final voltage to 1/2 LSB is given by
(2)
VC (1/2 LSB) = VS – (VS/512)
Equating equation 1 to equation 2 and solving for time tc gives
VS –(VS/512) = VS 1–e
(3)
–tc/RtCi
(
)
and
tc (1/2 LSB) = Rt × Ci × ln(512)
(4)
Therefore, with the values given the time for the analog input signal to settle is
tc (1/2 LSB) = (Rs + 1 kΩ) × 60 pF × ln(512)
(5)
This time must be less than the converter sample time shown in the timing diagrams.
Rs
ri
VS
VC
1 k
Ω MAX
Driving Source†
TLC548/9
VI
VI = Input Voltage at ANALOG IN
VS = External Driving Source Voltage
Rs = Source Resistance
ri = Input Resistance
Ci = Input Capacitance
† Driving source requirements:
• Noise and distortion for the source must be equivalent to the
resolution of the converter.
• Rs must be real at the input frequency.
Ci
55 pF MAX
Figure 2. Equivalent Input Circuit Including the Driving Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com