Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC548IP Datasheet(PDF) 3 Page - Texas Instruments

Part # TLC548IP
Description  8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC548IP Datasheet(HTML) 3 Page - Texas Instruments

  TLC548IP Datasheet HTML 1Page - Texas Instruments TLC548IP Datasheet HTML 2Page - Texas Instruments TLC548IP Datasheet HTML 3Page - Texas Instruments TLC548IP Datasheet HTML 4Page - Texas Instruments TLC548IP Datasheet HTML 5Page - Texas Instruments TLC548IP Datasheet HTML 6Page - Texas Instruments TLC548IP Datasheet HTML 7Page - Texas Instruments TLC548IP Datasheet HTML 8Page - Texas Instruments TLC548IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TLC548C, TLC548I, TLC549C, TLC549I
8-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL
SLAS067C – NOVEMBER 1983 – REVISED SEPTEMBER 1996
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating sequence
ten
ten
tsu(CS)
B7
B0
B1
B2
B3
B4
B5
B6
B7
Conversion Data B
MSB
MSB
LSB
Hi-Z State
MSB
LSB
(see Note B)
MSB
Previous Conversion Data A
A7
A7
A6 A5 A4 A3 A2 A1 A0
Hi-Z State
Don’t
1
1
(see Note A)
tconv
tsu(CS)
Access
Cycle B
88
7
6
5
4
3
2
7
6
5
4
3
2
CLOCK
I/O
CS
OUT
DATA
Care
Sample
Cycle B
Access
Cycle C
Sample
Cycle C
twH(CS)
NOTES: A. The conversion cycle, which requires 36 internal system clock periods (17
µs maximum), is initiated with the eighth I/O clock pulse
trailing edge after CS goes low for the channel whose address exists in memory at the time.
B. The most significant bit (A7) is automatically placed on the DATA OUT bus after CS is brought low. The remaining seven bits (A6–A0)
are clocked out on the first seven I/O clock falling edges. B7–B0 follows in the same manner.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1)
6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range at any input
– 0.3 V to VCC + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range
– 0.3 V to VCC + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak input current range (any input)
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak total input current range (all inputs)
±30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA (see Note 2): TLC548C, TLC549C
0
°C to 70°C
. . . . . . . . . . . . .
TLC548I, TLC549I
– 40
°C to 85°C
. . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTES:
1. All voltage values are with respect to the network ground terminal with the REF– and GND terminals connected together, unless
otherwise noted.
2. The D package is not recommended below – 40
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com