Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5902HTQFP Datasheet(PDF) 8 Page - Texas Instruments

Part # TLC5902HTQFP
Description  LED DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5902HTQFP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC5902HTQFP Datasheet HTML 4Page - Texas Instruments TLC5902HTQFP Datasheet HTML 5Page - Texas Instruments TLC5902HTQFP Datasheet HTML 6Page - Texas Instruments TLC5902HTQFP Datasheet HTML 7Page - Texas Instruments TLC5902HTQFP Datasheet HTML 8Page - Texas Instruments TLC5902HTQFP Datasheet HTML 9Page - Texas Instruments TLC5902HTQFP Datasheet HTML 10Page - Texas Instruments TLC5902HTQFP Datasheet HTML 11Page - Texas Instruments TLC5902HTQFP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TLC5902
LED DRIVER
SLLS382 – DECEMBER 1999
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings (see Note 1)†
Logic supply voltage, VCC(LOG)
–0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage for constant current circuit, PVCC
–0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog supply voltage, VCC(ANA)
–0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current (DC), IOL(C)
90 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range
–0.3 V to VCC(LOG) 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, V(OUTn), V(BOUT) and V(GSOUT)
–0.3 V to VCC(LOG) 0.3 V
. . . . . . . . . . . . . . . . . . . . .
Output voltage range, V(OUTn) and V(DOWN)
–0.3 V to 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation at (or below) TA = 25°C (see Note 2)
4.7 W
. . . . . . . . . . . . . . . . . . . . . . . . .
Operating free air temperature range, TA
–20
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to GNDLOG terminal.
2. For operation above 25
°C free-air temperature, derate linearly at the rate of 38.2 mW/°C.
recommended operating conditions
dc characteristics over recommended ranges of operating free-air temperature,
VCC(LOG) = VCC(ANA) = PVCC = 4.5 V to 5.5 V (unless otherwise noted)
MIN
NOM
MAX
UNIT
Logic supply voltage, VCC(LOG)
4.5
5
5.5
V
Supply voltage for constant current circuit,
PVCC
4.5
5
5.5
V
Analog power supply, VCC(ANA)
4.5
5
5.5
V
Voltage between VCC, V(DEF1)
(see Note 3)
VDEF1 = VCC(LOG) – VCC(ANA)
VCC(LOG) – PVCC, VCC(ANA) – PVCC
–0.3
0
0.3
V
Voltage between GND, V(DEF2)
(see Note 3)
V(DEF2) = GND(LOG) – GND(ANA)
GND(LOG) – GND(LED), GND(ANA) –
GND(LED)
–0.3
0
0.3
V
High-level input voltage, VIH
0.8 VCC(LOG)
VCC(LOG)
V
Low-level input voltage, VIL
GND(LOG)
Á
0.2 VCC(LOG)
V
High-level output current, IO(H)
VCC(LOG) = 4.5 V, DOUT0 to DOUT7,
BOUT, GSOUT
–1
mA
Low-level output current, IO(L)
VCCLOG = 4.5 V, DOUT0 to DOUT7,
BOUT, GSOUT
1
mA
, O(L)
VCC(LOG) = 4.5 V, DOWN
5
mA
Constant output current, IOL(C)
OUT0 to OUT15
5
80
mA
NOTE 3: Each voltage is supplied by single power supply, not a separated power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com