Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5902HTQFP Datasheet(PDF) 9 Page - Texas Instruments

Part # TLC5902HTQFP
Description  LED DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5902HTQFP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC5902HTQFP Datasheet HTML 5Page - Texas Instruments TLC5902HTQFP Datasheet HTML 6Page - Texas Instruments TLC5902HTQFP Datasheet HTML 7Page - Texas Instruments TLC5902HTQFP Datasheet HTML 8Page - Texas Instruments TLC5902HTQFP Datasheet HTML 9Page - Texas Instruments TLC5902HTQFP Datasheet HTML 10Page - Texas Instruments TLC5902HTQFP Datasheet HTML 11Page - Texas Instruments TLC5902HTQFP Datasheet HTML 12Page - Texas Instruments TLC5902HTQFP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TLC5902
LED DRIVER
SLLS382 – DECEMBER 1999
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions (continued)
ac characteristics over recommended ranges of operating free-air temperature,
VCC(LOG) = VCC(ANA) = PVCC = 4.5 V to 5.5 V (unless otherwise noted)
MIN
TYP
MAX
UNIT
DCLK clock frequency f(DCLK)
At single operation
15
MHz
DCLK clock frequency, f(DCLK)
At cascade operation
10
MHz
DCLK pulse duration (high or low level), tw(h)/tw(l)
20
ns
Frequency division ratio 1/1
4
MHz
GSCLK clock frequency, f(GSCLK)
Frequency division ratio 1/1, TA = 25°C,
VCCLOG = VCCANA = PVCC = 5 V
8
MHz
GSCLK pulse duration (high or low level), tw(h)/tw(l)
75
ns
WDT clock frequency, f(WDT)
5
MHz
WDT pulse duration (high or low level), tw(h)/tw(l)
50
ns
LAT pulse duration (high or low level), tw(h)
LATCH
50
ns
Rise/fall time, tr/tf
100
ns
DINn – DCLK
10
LATCH – DCLK
15
BLANK – GSCLK
20
Setup time, tsu
ENABLE – DCLK
15
ns
LATCH – GSCLK
10
RSEL – DCLK
10
RSEL – LATCH
20
DINn – DCLK
15
LATCH – DCLK
30
Hold time, tn
ENABLE – DCLK
20
ns
RSEL – DCLK
20
RSEL – LATCH
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com