Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5905 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5905
Description  LED DRIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5905 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC5905 Datasheet HTML 17Page - Texas Instruments TLC5905 Datasheet HTML 18Page - Texas Instruments TLC5905 Datasheet HTML 19Page - Texas Instruments TLC5905 Datasheet HTML 20Page - Texas Instruments TLC5905 Datasheet HTML 21Page - Texas Instruments TLC5905 Datasheet HTML 22Page - Texas Instruments TLC5905 Datasheet HTML 23Page - Texas Instruments TLC5905 Datasheet HTML 24Page - Texas Instruments TLC5905 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
TLC5905
LED DRIVER
SLLS401 – NOVEMBER 1999
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
noise reduction (continued)
0
RIREF – kΩ
10.0
1.0
10
20
30
40
50
60
70
80
0.1
90
90
Conditions : VO = 1 V, V(IREF) = 1.24 V
I
OLC
(mA)
^
V
(IREF)
(V)
R
(IREF)
(k
W)
37
R
(IREF)
(k
W) ^
47
I
O(LC)
(mA)
NOTE: The output current is in 16 bit mode. When in 8 bit mode (MODE=L), the output current is the sum of both outputs. This sum current should
be set from 10 mA to 120 mA. The resistor, R(IREF), should be located as close to the IREF terminal as possible to avoid the noise influence.
Figure 8. Current on Constant Current Output vs External Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com