Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5905 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5905
Description  LED DRIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5905 Datasheet(HTML) 1 Page - Texas Instruments

  TLC5905 Datasheet HTML 1Page - Texas Instruments TLC5905 Datasheet HTML 2Page - Texas Instruments TLC5905 Datasheet HTML 3Page - Texas Instruments TLC5905 Datasheet HTML 4Page - Texas Instruments TLC5905 Datasheet HTML 5Page - Texas Instruments TLC5905 Datasheet HTML 6Page - Texas Instruments TLC5905 Datasheet HTML 7Page - Texas Instruments TLC5905 Datasheet HTML 8Page - Texas Instruments TLC5905 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
TLC5905
LED DRIVER
SLLS401 – NOVEMBER 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Drive Capability and Output Counts:
– 80 mA (Current Sink)
× 16 Bits
– 120 mA (Current Sink)
× 8 Bits
D Constant Current Output Range:
– 5 mA to 80 mA/10 mA to 120 mA
(Selectable by MODE Terminal) (Current
Value Setting for All Output Terminals
Using External Resistor and Internal
Brightness Control Register)
D Constant Current Accuracy ±4% (Maximum
Error Between Bits)
D Voltage Applied to Constant Current Output
Terminals:
– Minimum 0.4 V (Output Current 5 mA to
40 mA)
– Minimum 0.7 V (Output Current 40 mA to
80 mA)
D 256 Gray Scale Display:
– Pulse Width Control 256 Steps
D Brightness Adjustment:
– Output Current Adjustment for 32 Steps
(Adjustment for Brightness Deviation
Between LED Modules)
– 8 Steps Brightness Control by 8 Times
Speed Gray Scale Control Clock
(Brightness Adjustment for Panel)
D Error Output Signal Check:
– Check Error Output Signal Line Such as
Protection Circuit When Operating
D Data Output Timing Selectable:
– Select Data Output Timing for Shift
Register Relative to Clock
D OVM (Output Voltage Monitor):
– Monitor Voltage on Constant Current
Output Terminals (Detect LED
Disconnection and Short Circuit)
D WDT (Watchdog Timer):
– Turn Output Off When Scan Signal
Stopped
D TSD (Thermal Shut Down):
– Turn Output Off When Junction
Temperature Exceeds Limit
D Data Input:
– Clock Synchronized 1 Bit Serial Input
(Shmitt-Triggered Input)
D Data Output:
– Clock Synchronized 1 Bit Serial Output
(3-State Output)
D Input Signal Level:
– CMOS Level
D Power Supply Voltage . . . 4.5 V to 5.5 V
D Maximum Output Voltage . . . 17 V
D Data Transfer Rate . . . 15 MHz (Max
D Gray Scale Clock Frequency ...8 MHz
(Max)
D Operating Free-Air Temperature Range
–20
°C to 85°C
D 64-Pin HTQFP Package (PD = 4.9 W,
TA = 25°C)
description
The TLC5905 is a constant current driver that incorporates shift register, data latch, constant current circuitry
with a current value adjustable and 256 gray scale display that uses pulse width control. The output current can
be selected as maximum 80 mA with 16 bits or 120 mA with 8 bit. The current value of the constant current output
is set by one external resistor. After this device is mounted on a printed-circuit board (PCB), the brightness
deviation between LED modules (ICs) can be adjusted using an external data input, and the brightness control
for the panel can be accomplished by the brightness adjustment circuitry. Also, the device incorporates the
output voltage monitor (OVM) used for LED open detection (LOD) by monitoring constant current output.
Moreover, the device incorporates watchdog timer (WDT) circuitry, which turns constant current output off when
the scan signal stops during dynamic scanning operation, and thermal shutdown (TSD) circuitry, which turns
constant current output off when the junction temperature exceeds the limit.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TLC5905

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5905 TI2-TLC5905 Datasheet
488Kb / 29P
LED DRIVER
NOVEMBER 1999
TLC5905PAP TI2-TLC5905PAP Datasheet
488Kb / 29P
LED DRIVER
NOVEMBER 1999
TLC5905PAP.A TI2-TLC5905PAP.A Datasheet
488Kb / 29P
LED DRIVER
NOVEMBER 1999
More results

Similar Description - TLC5905

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
LED DRIVER
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
LED Driver
logo
AIMTEC
AMLB-1810IZ AIMTEC-AMLB-1810IZ Datasheet
338Kb / 3P
LED Driver
AMLDW-6070-RZ AIMTEC-AMLDW-6070-RZ Datasheet
308Kb / 3P
LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com