Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5910 Datasheet(PDF) 21 Page - Texas Instruments

Part # TLC5910
Description  LED DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5910 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC5910 Datasheet HTML 17Page - Texas Instruments TLC5910 Datasheet HTML 18Page - Texas Instruments TLC5910 Datasheet HTML 19Page - Texas Instruments TLC5910 Datasheet HTML 20Page - Texas Instruments TLC5910 Datasheet HTML 21Page - Texas Instruments TLC5910 Datasheet HTML 22Page - Texas Instruments TLC5910 Datasheet HTML 23Page - Texas Instruments TLC5910 Datasheet HTML 24Page - Texas Instruments TLC5910 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
TLC5910
LED DRIVER
SLLS392 – NOVEMBER 1999
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
LOD function (LED open detection)
When LEDCHK is low, the LED disconnection detection function is disabled and XDOWN2 goes to a
high-impedance state. When LEDCHK is high, the LED disconnection detection function is enabled, and
XDOWN2 goes low if any LED is disconnected monitoring OUTn terminals to be turned on. This function is
operational for sixteen OUTn terminals individually. To know which constant current output is disconnected, the
level of XDOWN2 is repeatedly checked 16 times from OUT0 to OUT15 turning one constant current output on.
The power supply voltage should be set so the constant current output is applied to above 0.4 V when the LED
is lighting normally. Also, since the time of approximately 1000 ns is required from turning the constant current
output on to XDOWN2 output, the gray scale data to be turned on during that period should be applied.
Table 8 is an example for XDOWN2 output status using four LEDs .
Table 8. XDOWN2 Output Example
LED NUMBER
1
2
3
4
LED STATUS
GOOD
NG
GOOD
NG
OUTn
ON
ON
ON
ON
XDOWN2
LOW (by case 2, 4)
LED NUMBER
1
2
3
4
LED STATUS
GOOD
NG
GOOD
NG
OUTn
ON
ON
OFF
OFF
DETECTION RESULT
GOOD
NG
GOOD
GOOD
XDOWN2
LOW (by case 2)
LED NUMBER
1
2
3
4
LED STATUS
GOOD
NG
GOOD
NG
OUTn
OFF
OFF
OFF
OFF
DETECTION RESULT
GOOD
GOOD
GOOD
GOOD
XDOWN2
HIGH–IMPEDANCE
noise reduction
concurrent switching noise reduction
Concurrent switching noise has the potential to occur when multiple outputs turn on or off at the same time. To
prevent this noise, the device has a delay output terminal such as XGSOUT and BOUT for GSCLK (gray scale
clock) and BLANK (blanking signal) respectively. Connecting these outputs to the GSCLK and BLANK terminals
of next stage IC allows differences of the switching time between ICs. When GSCLK is output to GSOUT through
the device, duty will be changed between input and output. The number of stages to be connected will be limited
depending on frequency.
delay between constant current output
The constant current output has a delay time of approximately 20 ns between outputs. This means
approximately 300 ns delay time exists between OUT0 and OUT15. This time differences by delay reduces the
concurrent switching noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com