Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5910 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC5910
Description  LED DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5910 Datasheet(HTML) 1 Page - Texas Instruments

  TLC5910 Datasheet HTML 1Page - Texas Instruments TLC5910 Datasheet HTML 2Page - Texas Instruments TLC5910 Datasheet HTML 3Page - Texas Instruments TLC5910 Datasheet HTML 4Page - Texas Instruments TLC5910 Datasheet HTML 5Page - Texas Instruments TLC5910 Datasheet HTML 6Page - Texas Instruments TLC5910 Datasheet HTML 7Page - Texas Instruments TLC5910 Datasheet HTML 8Page - Texas Instruments TLC5910 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
TLC5910
LED DRIVER
SLLS392 – NOVEMBER 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Drive Capability and Output Counts
– 80 mA (Current Sink) x 16 Bits
D Constant Current Output Range
– 5 to 80 mA (Current Value Setting for All
Output Terminals Using External Resistor
and Internal Brightness Control Register)
D Constant Current Accuracy
–
±4% (Maximum Error Between Bits)
D Voltage Applied to Constant Current Output
Terminals
– Minimum 0.4 V (Output Current 5 to
40 mA)
– Minimum 0.7 V (Output Current 40 to
80 mA)
D 1024 Gray Scale Display
– Pulse Width Control 1024 Steps
D Brightness Adjustment†
– All Output Current Adjustment for 64
Steps (Adjustment for Brightness
Deviation Between LED Modules)
– Output Current Adjustment by Output
(OUT0 to OUT15) for 64 Steps
(Adjustment for Brightness Deviation
Between Dots)
– Brightness Control by 16 Steps
Frequency Division Gray Scale Control
Clock (Brightness Adjustment for Panel)
D Gray Scale Clock Generation
– Gray Scale Control Clock Generation by
Internal PLL or External Input Selectable
D Clock Invert/Noninvert Selectable
– Clock Invert Selectable to Reduce
Changes in Duty Ratio at Cascade
Operation
D Protection
– WDT (Watchdog Timer) Function (Turn
Output Off When Scan Signal Stopped)
– TSD (Thermal Shutdown) Function (Turn
Output Off When Junction Temperature
Exceeds Limit)
D LOD
– LED Open Detection (Detection for LED
Disconnection)
D Data Input/Output‡
– Port A (for Data Display)
– Clock Synchronized 10 Bit Parallel
Input (Schmitt Triggered Input)
– Clock Synchronized 10 Bit Parallel
Output (3-State Output)
– Port B (for Dot Correction Data)
– Clock Synchronized 6 Bit Parallel
Input (Schmitt-Triggered Input)
– Clock Synchronized 6 Bit Parallel
Output
D Input/Output Signal Level
– CMOS Level
D Power Supply Voltage
– 4.5 V to 5.5 V (Logic, Analog and
Constant Current)
– 3 V to 5.5 V (Interface)
D Maximum Output Voltage . . . 15 V (Max)
D Data Transfer Rate . . . 20 MHz (Max)
D Gray Scale Clock Frequency
– 16 MHz (Max) Using Internal PLL
– 8 MHz (Max) Using External Clock
D Operating Free-Air Temperature Range
–20
°C to 85°C
D 100-Pin HTQFP Package (PD=4.7 W,
TA = 25°C)
‡ Allows the writting of all the data at port A by setting the logic to 1.
† These functions are adjustable independently.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TLC5910

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59108 TI-TLC59108 Datasheet
809Kb / 31P
8-BIT Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59108 TI2-TLC59108 Datasheet
1Mb / 47P
TLC59108 8-Bit Fm I2C-Bus Constant-Current LED Sink Driver
REVISED JULY 2015
TLC59108F TI-TLC59108F Datasheet
696Kb / 27P
8-BIT FM I2C BUS LED DRIVER
TLC59108F TI2-TLC59108F Datasheet
652Kb / 37P
TLC59108F 8-Bit FM I2C Bus LED Driver
DECEMBER 2015
TLC59108FIPWR TI-TLC59108FIPWR Datasheet
696Kb / 27P
8-BIT FM I2C BUS LED DRIVER
More results

Similar Description - TLC5910

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
LED DRIVER
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
LED Driver
logo
AIMTEC
AMLB-1810IZ AIMTEC-AMLB-1810IZ Datasheet
338Kb / 3P
LED Driver
AMLDW-6070-RZ AIMTEC-AMLDW-6070-RZ Datasheet
308Kb / 3P
LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com