Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5920 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5920
Description  16x8 BIT LED DRIVER/CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5920 Datasheet(HTML) 1 Page - Texas Instruments

  TLC5920 Datasheet HTML 1Page - Texas Instruments TLC5920 Datasheet HTML 2Page - Texas Instruments TLC5920 Datasheet HTML 3Page - Texas Instruments TLC5920 Datasheet HTML 4Page - Texas Instruments TLC5920 Datasheet HTML 5Page - Texas Instruments TLC5920 Datasheet HTML 6Page - Texas Instruments TLC5920 Datasheet HTML 7Page - Texas Instruments TLC5920 Datasheet HTML 8Page - Texas Instruments TLC5920 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TLC5920
16x8 BIT LED DRIVER/CONTROLLER
SLAS264 – MARCH 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Drive Capability:
– Segment . . . 30 mA
× 16 Bits
– Common . . . 640 mA
D Constant Current Output ...3 mA to 30 mA
(Current Value Setting for All Channels
Using External Resistor)
D Constant Current Accuracy ±6% (Maximum
Error Between Bits)
D Data Input: Clock Synchronized Serial Input
D LED Type Applied Cathode Common
D Logic Power Supply Voltage 4.5 V to 5.5 V
D LED Power Supply Voltage 4.5 V to 5.5 V
D Operating Frequency . . . 10 MHz
D Operating Free-Air Temperature Range
–20
°C to 85°C
D 48-Pin SSOL Package
description
The TLC5920 is an LED driver incorporating a
16-channel shift register, data latch, and constant
current circuitry with current value control and
8-channel common driver into a single chip. The
constant output current is capable of 30 mA for 16
bits simultaneously, and the current value can be
set by one external register. This device also
includes a 16-bit segment driver and 8-bit
common driver; therefore, the monocolor LED
array with 16
× 8 dots can be driven by only one
TLC5920, and a two-color LED array with 16 x 16
dots can be driven by two TLC5920s.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
COM3
COM2
COM1
COM0
GNDLED
NC
NC
VLED
S0
S1
S2
S3
S4
S5
S6
S7
IREF
VLED
VANA
NC
GNDANA
S8
S9
S10
GNDLED
COM4
COM5
COM6
COM7
GNDLED
SIN
LATCH
SCLK
BLANK
CSEL0
GNDLOG
CSEL1
CSEL2
VLOG
DSEL
SOUT
VLED
DSEL
S15
S14
S13
S12
S11
DL PACKAGE
(TOP VIEW)


Similar Part No. - TLC5920

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5920 TI2-TLC5920 Datasheet
312Kb / 16P
16x8 BIT LED DRIVER/CONTROLLER
REVISED SEPTEMBER 2002
TLC59208F TI-TLC59208F Datasheet
582Kb / 27P
8-BIT FM I2C BUS LED DRIVER
TLC59208F TI-TLC59208F Datasheet
712Kb / 29P
8-BIT FM I2C BUS LED DRIVER
TLC59208F TI1-TLC59208F Datasheet
1Mb / 37P
8-Bit Fm I2C Bus LED Driver
TLC59208F TI2-TLC59208F Datasheet
753Kb / 38P
TLC59208F 8-Bit Fm I2C Bus LED Driver
REVISED NOVEMBER 2015
More results

Similar Description - TLC5920

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7932 SANYO-LC7932 Datasheet
104Kb / 5P
16-bit LED Driver
logo
System Logic Semiconduc...
SL70D0948 SLS-SL70D0948 Datasheet
149Kb / 17P
48 OUTPUT LED DRIVER / 9 BIT PWM CONTROLLER
logo
Diodes Incorporated
AL8400 DIODES-AL8400 Datasheet
252Kb / 12P
0.2V LINEAR LED DRIVER CONTROLLER
DS35115 Rev. 1 - 2
logo
Linear Technology
LT3797 LINER-LT3797 Datasheet
459Kb / 36P
Triple Output LED Driver Controller
logo
LDT Co., Ltd
LD1510 LDT-LD1510 Datasheet
389Kb / 25P
3Channel Output LED Driver with 12 bit PWM Controller
logo
Linear Technology
LT3797 LINER-LT3797_15 Datasheet
459Kb / 36P
Triple Output LED Driver Controller
logo
LDT Co., Ltd
LD1048C LDT-LD1048C Datasheet
450Kb / 28P
10 bit PWM Controller 48Channel Output LED Driver
logo
Texas Instruments
TLC5920 TI1-TLC5920_09 Datasheet
384Kb / 15P
16x8 BIT LED DRIVER/CONTROLLER
logo
Unisonic Technologies
UCL5811 UTC-UCL5811 Datasheet
192Kb / 5P
PSR & PFC LED DRIVER CONTROLLER
UL22 UTC-UL22 Datasheet
411Kb / 13P
LED DRIVER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com