Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC8188 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC8188
Description  10-BIT, 4 MSPS, CIS/LINEAR CCD SENSOR PROCESSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC8188 Datasheet(HTML) 1 Page - Texas Instruments

  TLC8188 Datasheet HTML 1Page - Texas Instruments TLC8188 Datasheet HTML 2Page - Texas Instruments TLC8188 Datasheet HTML 3Page - Texas Instruments TLC8188 Datasheet HTML 4Page - Texas Instruments TLC8188 Datasheet HTML 5Page - Texas Instruments TLC8188 Datasheet HTML 6Page - Texas Instruments TLC8188 Datasheet HTML 7Page - Texas Instruments TLC8188 Datasheet HTML 8Page - Texas Instruments TLC8188 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TLC8188
10-BIT, 4 MSPS, CIS/LINEAR CCD SENSOR PROCESSOR
SLAS177A – DECEMBER 1997 – REVISED SEPTEMBER 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Supports Both CIS and CCD Sensors
D 10-Bit, 4 MSPS, A/D Converter
D Differential Nonlinearity Error: ±0.5 LSB Typ
D Integral Nonlinearity Error: ±0.6 LSB Typ
D 8-Bit Offset Correction DAC
D PGA With 6-Bit Gain Resolution
D Auto-cycling Gain and Offset Control
D Single 5-V Supply Operation
D Very Low Power: 190 mW Typical
D Control by Parallel and Serial Interface
D Internal Reference Voltages
D 32-Pin TSSOP Package
description
The TLC8188 is a highly-integrated monolithic
analog signal processor/digitizer designed to
interface the contact image sensor (CIS) and linear charge-coupled device (CCD) image sensors in scanner
applications. The input of the TLC8188 allows direct connection to the CIS and direct ac coupling of the linear
CCD. The TLC8188 performs all the analog processing functions necessary to maximize the dynamic range,
correct various errors associated with the CIS and the linear CCD sensors, and then digitize the results with an
on-chip analog-to-digital converter (ADC). The key components of the TLC8188 include: input clamp circuitry
and a correlated double sampler (CDS), a programmable gain amplifier (PGA) with auto-cycling gain control, a
programmable offset correction controlled by a digital-to-analog converter (DAC), a 10-bit, 4 MSPS pipeline
ADC, a bidirectional parallel bus and a three-wire serial port for easy microprocessor interface, and internal
reference voltages.
Designed in advanced CMOS process, the TLC8188 operates from a single 5-V power supply and its digital
interface is 3 V compatible. The normal power consumption of the TLC8188 is just 190 mW.
Fully integrated analog processing circuitry, high throughput rate, single supply operation and low cost make the
TLC8188 an ideal CIS/linear CCD sensor interfacing solution for imaging applications such as scanners and
multifunctional office equipment (printer/scanner/facsimile/copier).
The device is available in a 32-pin TSSOP package and is specified over the 0
°C to 70°C operating temperature
range.
AVAILABLE OPTIONS
PACKAGED DEVICE
TA
SMALL OUTLINE
(DA)
0
°C to 70°C
TLC8188CDA
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
OP0
OP1
OP2
OP3
OP4
DIVDD
DIGND
OP5
OP6
OP7
OP8
OP9
DVDD
DGND
ADCCLK
SCK/RNW
RPO
RMO
RIN
GIN
BIN
AVDD
AGND
CLAMP
SR
SV
MA0/ACYC
MA1
OE
NRESET
SEN/STB
SDI/DNA
DA PACKAGE
(TOP VIEW)


Similar Part No. - TLC8188

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC8044 TI1-TLC8044 Datasheet
482Kb / 32P
12-BIT ANALOG-TO-DIGITAL INTERFACE FOR CHARGE-COUPLED DEVICE IMAGE SENSORS FOR SCANNERS
TLC8044CFN TI1-TLC8044CFN Datasheet
482Kb / 32P
12-BIT ANALOG-TO-DIGITAL INTERFACE FOR CHARGE-COUPLED DEVICE IMAGE SENSORS FOR SCANNERS
TLC876 TI1-TLC876 Datasheet
346Kb / 22P
10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
TLC876C TI-TLC876C Datasheet
314Kb / 23P
10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
TLC876C TI-TLC876C Datasheet
383Kb / 22P
10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - TLC8188

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9811 NSC-LM9811 Datasheet
605Kb / 36P
10-Bit Greyscale/30-Bit Color Linear CCD Sensor Processor
logo
Analog Devices
AD9816 AD-AD9816 Datasheet
171Kb / 16P
Complete 12-Bit 6 MSPS CCD/CIS Signal Processor
REV.A
logo
Exar Corporation
XRD9827 EXAR-XRD9827 Datasheet
264Kb / 32P
12-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9829 EXAR-XRD9829 Datasheet
1Mb / 20P
10-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9828 EXAR-XRD9828 Datasheet
148Kb / 2P
10-Bit Linear CIS/CCD Sensor Signal Processor with Parallel Interface
XRD9825 EXAR-XRD9825 Datasheet
290Kb / 33P
16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9818 EXAR-XRD9818 Datasheet
479Kb / 28P
3-CHANNEL 16-BIT LINEAR CCD/CIS SENSOR SIGNAL PROCESSOR
XRD9824 EXAR-XRD9824 Datasheet
265Kb / 32P
14-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9826 EXAR-XRD9826 Datasheet
273Kb / 33P
16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
logo
Analog Devices
AD9816 AD-AD9816_15 Datasheet
187Kb / 16P
Complete 12-Bit 6 MSPS CCD/CIS Signal Processor
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com