Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS1233 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLS1233
Description  VIDEO PREAMPLIFIER SYSTEM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLS1233 Datasheet(HTML) 2 Page - Texas Instruments

  TLS1233 Datasheet HTML 1Page - Texas Instruments TLS1233 Datasheet HTML 2Page - Texas Instruments TLS1233 Datasheet HTML 3Page - Texas Instruments TLS1233 Datasheet HTML 4Page - Texas Instruments TLS1233 Datasheet HTML 5Page - Texas Instruments TLS1233 Datasheet HTML 6Page - Texas Instruments TLS1233 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TLS1233
VIDEO PREAMPLIFIER SYSTEM
SLVS126C – JULY 1995 – REVISED JUNE 1996
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLS1233Y chip information
This chip, when properly assembled, displays characteristics similar to the TLS1233. Thermal compression or
ultrasonic bonding may be used on the doped-aluminum bonding pads. The chips may be mounted with
conductive epoxy or a gold-silicon preform.
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 15 TYPICAL
BONDING PADS: 4
× 4 MINIMUM
TJ max = 150°C
TOLERANCES ARE
±10%.
ALL DIMENSIONS ARE IN MILS.
2
1
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
6
5
4
3
76
78
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VCC
13.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
0 V to VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Video output current, IO (per channel)
28 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total power dissipation at (or below) 25
°C free-air temperature (see Note 2)
1.87 W
. . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All VCC terminals must be externally wired together to prevent internal damage during VCC power-on/-off cycles.
2. For operation above 25
°C free-air temperature, derate linearly from 1.87 W (TA = 25°C) to 1.2 W (TA = 70°C). This equates to a
derating factor of 15 mW/
°C.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com