Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS1233 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLS1233
Description  VIDEO PREAMPLIFIER SYSTEM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLS1233 Datasheet(HTML) 1 Page - Texas Instruments

  TLS1233 Datasheet HTML 1Page - Texas Instruments TLS1233 Datasheet HTML 2Page - Texas Instruments TLS1233 Datasheet HTML 3Page - Texas Instruments TLS1233 Datasheet HTML 4Page - Texas Instruments TLS1233 Datasheet HTML 5Page - Texas Instruments TLS1233 Datasheet HTML 6Page - Texas Instruments TLS1233 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLS1233
VIDEO PREAMPLIFIER SYSTEM
SLVS126C – JULY 1995 – REVISED JUNE 1996
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Wide Bandwidth...Typ 100 MHz at –3 dB
D Three Channels
D 0 V to 4 V, Digital Level-Contrast Control
D 0 V to 4 V, Digital Level-Gain Adjust Control
D 20-Pin Plastic DIP for Small PCB Area
Required
D Fewer Peripheral Components Required
Than for LM1203 Applications
D Independent CLAMP(+) Adjustment to Each
Channel
description
The TLS1233 is a 100-MHz wide-band video preamplifier system intended for mid-to-high-resolution RGB
(red-green-blue) color monitors. Each video amplifier (R, G, and B) contains a gain set for adjusting maximum
system gain (AV = 7.8 V/V). The TLS1233 provides digital level-operated contrast, brightness, and gain
adjustment control. All the control inputs offer high input impedance and an operation range from 0 V to 4 V for
easy interface to the serial digital buses. Provided in a 20-pin plastic dual-in-line package (DIP), the TLS1233
integrates most of the external components required to accommodate the video system.
The TLS1233 operates from a 12-V supply and contains an internal input bias voltage. Also, the TLS1233
contains the feedback resistor required between output and CLAMP(–) for dc level holding. The device is
characterized for operation from 0
°C to 70°C.
functional block diagram
Contrast
Control
A1
A1
A1
A2
A2
A2
16
18
1
15
20
13
19
VCC2
R VIDEO OUT
R CLAMP(+)
G VIDEO OUT
G CLAMP(+)
B VIDEO OUT
B CLAMP(+)
3
4
17
5
7
14
8
9
12
10
11
R VIDEO IN
R CLAMP CAP
R GAIN ADJUST
G VIDEO IN
G CLAMP CAP
G GAIN ADJUST
B VIDEO IN
B CLAMP CAP
B GAIN ADJUST
CONTRAST
CLAMP GATE
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
R CLAMP(+)
VCC1
R VIDEO IN
R CLAMP CAP
G VIDEO IN
GND
G CLAMP CAP
B VIDEO IN
B CLAMP CAP
CONTRAST
G CLAMP(+)
B CLAMP(+)
R VIDEO OUT
R GAIN ADJUST
VCC2
G VIDEO OUT
G GAIN ADJUST
B VIDEO OUT
B GAIN ADJUST
CLAMP GATE
N PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1996, Texas Instruments Incorporated


Similar Part No. - TLS1233

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLS1233 TI2-TLS1233 Datasheet
206Kb / 9P
VIDEO PREAMPLIFIER SYSTEM
REVISED JUNE 1996
TLS1233N TI2-TLS1233N Datasheet
206Kb / 9P
VIDEO PREAMPLIFIER SYSTEM
REVISED JUNE 1996
TLS1233N.A TI2-TLS1233N.A Datasheet
206Kb / 9P
VIDEO PREAMPLIFIER SYSTEM
REVISED JUNE 1996
More results

Similar Description - TLS1233

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52721SP MITSUBISHI-M52721SP Datasheet
75Kb / 10P
WIDEBAND VIDEO PREAMPLIFIER WITH OSD MIX
logo
NXP Semiconductors
TDA4887PS PHILIPS-TDA4887PS Datasheet
425Kb / 68P
160 MHz bus-controlled monitor video preamplifier
2001 Oct 19
logo
Toshiba Semiconductor
TA2068N TOSHIBA-TA2068N Datasheet
754Kb / 18P
SYSTEM PREAMPLIFIER FOR SINGLE CASSETTE DECK
logo
Rohm
BA3423S ROHM-BA3423S Datasheet
417Kb / 18P
Double cassette tape recorder system preamplifier
BA3426AS ROHM-BA3426AS Datasheet
299Kb / 12P
Double cassette tape recorder system preamplifier
logo
Analog Intergrations Co...
AIC1863 AIC-AIC1863 Datasheet
112Kb / 8P
IR Preamplifier for Remote Control System
logo
STMicroelectronics
TDA9201 STMICROELECTRONICS-TDA9201 Datasheet
709Kb / 12P
WIDE BAND VIDEO PREAMPLIFIER
Sep-1993
logo
Texas Instruments
TLS1215 TI-TLS1215 Datasheet
96Kb / 6P
WIDE-BAND VIDEO PREAMPLIFIER SYSTEM WITH BLANKING
logo
Renesas Technology Corp
M52743BSP RENESAS-M52743BSP Datasheet
322Kb / 26P
I2C BUS Controlled 3-Channel Video Preamplifier
logo
Texas Instruments
TLS1255 TI1-TLS1255 Datasheet
139Kb / 7P
VIDEO PREAMPLIFIER SYSTEM WITH ON-SCREEN DISPLAY (OSD)MIXER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com