Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV1391 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1391
Description  SINGLE DIFFERENTIAL COMPARATORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1391 Datasheet(HTML) 1 Page - Texas Instruments

  TLV1391 Datasheet HTML 1Page - Texas Instruments TLV1391 Datasheet HTML 2Page - Texas Instruments TLV1391 Datasheet HTML 3Page - Texas Instruments TLV1391 Datasheet HTML 4Page - Texas Instruments TLV1391 Datasheet HTML 5Page - Texas Instruments TLV1391 Datasheet HTML 6Page - Texas Instruments TLV1391 Datasheet HTML 7Page - Texas Instruments TLV1391 Datasheet HTML 8Page - Texas Instruments TLV1391 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLV1391
SINGLE DIFFERENTIAL COMPARATORS
SLCS128B – APRIL 1996 – REVISED JUNE 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low-Voltage and Single-Supply Operation
VCC = 2 V to 7 V
D Common-Mode Voltage Range Includes
Ground
D Fast Response Time . . . 0.7 µs Typ
D Low Supply Current ...80 µA Typ and
150
µA Max
D Fully Specified at 3-V and 5-V Supply
Voltages
D Available in SOT-23 (DBV) Packaging
description
The TLV1391 is a differential comparator built using a Texas Instruments low-voltage, high-speed bipolar
process. These devices have been developed specifically for low-voltage, single-supply applications. Their
enhanced performance makes them excellent replacements for the LM393 in the improved 3-V and 5-V system
designs of today.
The TLV1391, with its typical supply current of only 80
µA, is ideal for low-power systems. Response time also
has been improved to 0.7
µs.
The TLV1391C is characterized for operation from 0
°C to 70°C and the TLV1391I is characterized for operation
from –40
°C to 85°C.
AVAILABLE OPTIONS
TA
PACKAGED DEVICES
SYMBOL
CHIP FORM
TA
SOT-23 (DBV)
SYMBOL
(Y)
0
°C to 70°C
TLV1391CDBV
VABC
TLV1391Y
–40
°C to 85°C
TLV1391IDBV
VABI
† The DBV package is only available taped and reeled. Chip forms are specified for
operation at 25
°C only.
symbol (each comparator)
OUT
IN+
IN –
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1999, Texas Instruments Incorporated
3
2
4
5
1
IN–
VCC–
/GND
IN+
VCC+
OUT
DBV PACKAGE
(TOP VIEW)


Similar Part No. - TLV1391

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1391 TI1-TLV1391 Datasheet
764Kb / 13P
SINGLE DIFFERENTIAL COMPARATORS
TLV1391 TI-TLV1391 Datasheet
897Kb / 14P
SINGLE DIFFERENTIAL COMPARATORS
TLV1391 TI2-TLV1391 Datasheet
423Kb / 14P
SINGLE DIFFERENTIAL COMPARATORS
REVISED JUNE 2007
TLV1391 TI2-TLV1391 Datasheet
429Kb / 14P
SINGLE DIFFERENTIAL COMPARATORS
REVISED JUNE 2007
TLV1391CDBV TI-TLV1391CDBV Datasheet
185Kb / 9P
SINGLE DIFFERENTIAL COMPARATORS
More results

Similar Description - TLV1391

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL331I TI-TL331I Datasheet
156Kb / 3P
DIFFERENTIAL COMPARATORS
LM139 TI-LM139_06 Datasheet
587Kb / 23P
QUAD DIFFERENTIAL COMPARATORS
TLV1391 TI-TLV1391_03 Datasheet
185Kb / 9P
SINGLE DIFFERENTIAL COMPARATORS
logo
Tiger Electronic Co.,Lt...
LM2903D TGS-LM2903D Datasheet
203Kb / 4P
Dual Differential Comparators
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1 Datasheet
212Kb / 9P
DUAL DIFFERENTIAL COMPARATORS
LM193 TI1-LM193_16 Datasheet
887Kb / 25P
Dual Differential Comparators
TLV1391 TI1-TLV1391_15 Datasheet
764Kb / 13P
SINGLE DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
Quad Differential Comparators
LM311-MIL TI1-LM311-MIL Datasheet
903Kb / 25P
Differential Comparators
TLV1391 TI-TLV1391_V01 Datasheet
897Kb / 14P
SINGLE DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com