Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV1393 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV1393
Description  DUAL DIFFERENTIAL COMPARATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1393 Datasheet(HTML) 1 Page - Texas Instruments

  TLV1393 Datasheet HTML 1Page - Texas Instruments TLV1393 Datasheet HTML 2Page - Texas Instruments TLV1393 Datasheet HTML 3Page - Texas Instruments TLV1393 Datasheet HTML 4Page - Texas Instruments TLV1393 Datasheet HTML 5Page - Texas Instruments TLV1393 Datasheet HTML 6Page - Texas Instruments TLV1393 Datasheet HTML 7Page - Texas Instruments TLV1393 Datasheet HTML 8Page - Texas Instruments TLV1393 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TLV1393, TLV1393Y, TLV2393, TLV2393Y
DUAL DIFFERENTIAL COMPARATORS
SLCS121A – AUGUST 1993 – REVISED APRIL 1994
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low-Voltage and Single-Supply Operation
VCC = 2 V to 7 V
D Common-Mode Voltage Range Includes
Ground
D Fast Response Time
450 ns Typ (TLV2393)
D Low Supply Current
0.16 mA Typ (TLV1393)
D Fully Specified at 3-V and 5-V Supply
Voltages
description
The TLV1393 and the TLV2393 are dual differential comparators built using a new Texas Instruments
low-voltage, high-speed bipolar process. These devices have been specifically developed for low-voltage,
single-supply applications. Their enhanced performance makes them excellent replacements for the LM393 in
today’s improved 3-V and 5-V system designs.
The TLV1393, with its typical supply current of only 0.16 mA, is ideal for low-power systems. Response time
has also been improved to 0.7
µs. For higher-speed applications, the TLV2393 features excellent ac
performance with a response time of just 0.45
µs, three times that of the LM393.
Package availability for these devices includes the TSSOP (thin-shrink small-outline package). With a
maximum thickness of 1.1 mm and a package area that is 25% smaller than the standard surface-mount
package, the TSSOP is ideal for high-density circuits, particularly in hand-held and portable equipment.
AVAILABLE OPTIONS
PACKAGED DEVICES
CHIP FORM
TA
SUPPLY CURRENT
(TYP)
RESPONSE TIME
(TYP)
SMALL OUTLINE
(D)
PLASTIC DIP
(P)
TSSOP
(PW)†
CHIP FORM
(Y)
40
°Cto105°C
0.16 mA
0.7
µs
TLV1393ID
TLV1393IP
TLV1393IPWLE
TLV1393Y
– 40
°C to 105°C
1.1 mA
µ
0.45
µs
TLV2393ID
TLV2393IP
TLV2393IPWLE
TLV2393Y
† The PW packages are only available left-ended taped and reeled (e.g., TLV1393IPWLE).
symbol (each comparator)
OUT
IN+
IN –
Copyright
© 1994, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
1OUT
1IN –
1IN+
GND
VCC
2OUT
2IN –
2IN+
D, P, OR PW PACKAGE
(TOP VIEW)


Similar Part No. - TLV1393

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1391 TI-TLV1391 Datasheet
147Kb / 10P
SINGLE DIFFERENTIAL COMPARATORS
TLV1391 TI1-TLV1391 Datasheet
764Kb / 13P
SINGLE DIFFERENTIAL COMPARATORS
TLV1391 TI-TLV1391 Datasheet
897Kb / 14P
SINGLE DIFFERENTIAL COMPARATORS
TLV1391 TI2-TLV1391 Datasheet
423Kb / 14P
SINGLE DIFFERENTIAL COMPARATORS
REVISED JUNE 2007
TLV1391 TI2-TLV1391 Datasheet
429Kb / 14P
SINGLE DIFFERENTIAL COMPARATORS
REVISED JUNE 2007
More results

Similar Description - TLV1393

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193 TI-LM193 Datasheet
413Kb / 18P
DUAL DIFFERENTIAL COMPARATORS
logo
Wing Shing Computer Com...
LM393 WINGS-LM393 Datasheet
79Kb / 3P
Dual Differential Comparators
logo
Tiger Electronic Co.,Lt...
LM2903D TGS-LM2903D Datasheet
203Kb / 4P
Dual Differential Comparators
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1 Datasheet
212Kb / 9P
DUAL DIFFERENTIAL COMPARATORS
TL393CD TI-TL393CD Datasheet
264Kb / 11P
DUAL DIFFERENTIAL COMPARATORS
LM193DRG4 TI-LM193DRG4 Datasheet
1Mb / 30P
DUAL DIFFERENTIAL COMPARATORS
NCV2903VDR2G TI-NCV2903VDR2G Datasheet
1Mb / 30P
DUAL DIFFERENTIAL COMPARATORS
LM193 TI1-LM193_16 Datasheet
887Kb / 25P
Dual Differential Comparators
LM193-MIL TI1-LM193-MIL Datasheet
329Kb / 16P
Dual Differential Comparators
logo
Shenzhen Huazhimei Semi...
LM393 HMSEMI-LM393 Datasheet
285Kb / 4P
Dual Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com