Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3640MPBF Datasheet(PDF) 21 Page - International Rectifier

Part # IR3640MPBF
Description  HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3640MPBF Datasheet(HTML) 21 Page - International Rectifier

Back Button IR3640MPBF Datasheet HTML 17Page - International Rectifier IR3640MPBF Datasheet HTML 18Page - International Rectifier IR3640MPBF Datasheet HTML 19Page - International Rectifier IR3640MPBF Datasheet HTML 20Page - International Rectifier IR3640MPBF Datasheet HTML 21Page - International Rectifier IR3640MPBF Datasheet HTML 22Page - International Rectifier IR3640MPBF Datasheet HTML 23Page - International Rectifier IR3640MPBF Datasheet HTML 24Page - International Rectifier IR3640MPBF Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
06/15/2009
IR3640MPBF
21
The higher the crossover frequency, the
potentially faster the load transient response.
However, the crossover frequency should be low
enough to allow attenuation of switching noise.
Typically,
the
control
loop bandwidth or
crossover frequency is selected such that
The DC gain should be large enough to provide
high DC-regulation accuracy. The phase margin
should be greater than 45o for overall stability.
For this design we have:
V
in=12V
V
o=1.8V
V
osc=1.8V
V
ref=0.7V
L
o=0.33uH
C
o=10x47uF(ceramic)
It must be noted here that the value of the
capacitance used in the compensator design
must be the small signal value. For instance, the
small signal capacitance of the 47uF capacitor
used in this design is 23uF at 1.8 V DC bias and
600 kHz frequency. It is this value that must be
used for all computations related to the
compensation. The small signal value may be
obtained from the manufacturer’s datasheets,
design tools or SPICE models. Alternatively,
they may also be inferred from measuring the
power stage transfer function of the converter
and measuring the double pole frequency F
LC
and using equation (16) to compute the small
signal C
o.
Table 2 The compensation type and location
of F
ESR versus Fo
These result to:
F
LC=18.3kHz
F
ESR=2306kHz
F
s/2=300kHz
Select crossover frequency:
Fo=100kHz
Since: F
LC<Fo<FS/2<FESR, TypeIII is selected to
place the pole and zeros. Detailed calculation of
compensation TypeIII:
Tantalum
Ceramic
F
LC<Fo<FESR
Type III
Electrolytic
Tantalum
FLC<FESR<Fo<Fs/2
Type II
Output
Capacitor
F
ESR vs Fo
Compensator
Type
Tantalum
Ceramic
F
LC<Fo<FESR
Type III
Electrolytic
Tantalum
FLC<FESR<Fo<Fs/2
Type II
Output
Capacitor
F
ESR vs Fo
Compensator
Type
()
s
o
F
F
*
1/10
~
1/5
≤
pF
160
:
Select
,
pF
74
.
163
;
*
*
2
1
nF
6
.
5
:
Select
nF,
57
.
5
;
*
*
2
1
k
3.24
:
Select
k
3.25
;
*
*
*
*
*
2
:
and
,
Calculate
nF
2.2
C
:
Select
kHz
300
*
0.5
and
kHz
8.82
*
5
.
0
:
Select
kHz
567.1
sin
1
sin
1
kHz
17.63
sin
1
sin
1
70
Margin
Phase
Desired
3
3
3
3
3
4
4
3
1
4
3
3
7
3
4
3
3
7
3
2
1
2
2
o
=
=
=
=
=
=
Ω
=
Ω
=
=
=
=
=
=
=
=
Θ
−
Θ
+
=
=
Θ
+
Θ
−
=
=
Θ
C
C
R
F
C
C
C
R
F
C
R
R
V
C
V
C
L
F
R
C
C
R
F
F
F
F
F
F
F
F
P
Z
in
osc
o
o
o
s
P
Z
Z
o
P
o
Z
π
π
π
Ω
=
Ω
=
=
130
:
Select
,
130
;
*
*
2
1
:
and
,
Calculate
10
10
2
7
10
9
8
10
R
R
F
C
R
R
R
R
P
π



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com