Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3640MPBF Datasheet(PDF) 13 Page - International Rectifier

Part # IR3640MPBF
Description  HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3640MPBF Datasheet(HTML) 13 Page - International Rectifier

Back Button IR3640MPBF Datasheet HTML 9Page - International Rectifier IR3640MPBF Datasheet HTML 10Page - International Rectifier IR3640MPBF Datasheet HTML 11Page - International Rectifier IR3640MPBF Datasheet HTML 12Page - International Rectifier IR3640MPBF Datasheet HTML 13Page - International Rectifier IR3640MPBF Datasheet HTML 14Page - International Rectifier IR3640MPBF Datasheet HTML 15Page - International Rectifier IR3640MPBF Datasheet HTML 16Page - International Rectifier IR3640MPBF Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
06/15/2009
IR3640MPBF
13
Power Good and Over-voltage Protection
The IC continually monitors the output voltage via
sense pin. The Vsns voltage compares to a fixed
voltage. As soon as the sensed voltage reaches
0.88*Vref, the Power Good signal flags. Power
Good pin needs to be externally pulled high. High
state indicates that output is in regulation. Figure
10a and 10b shows the timing diagrams of Power
Good function.
If the output voltage exceeds the over voltage
threshold, an over voltage trip signal asserts, this
will result to turn off the high side driver and turn
on the low side driver until the Vsns voltage
drops below 1.15*Vref threshold. Both drivers are
latched off until a reset performed by cycling
either Vcc or Enable.
The
OVP
threshold
can
be
externally
programmed to user defined value. Figure 10c
shows the response in over-voltage condition.
Fig.10a: IR3640 Non-Sequencing
Power Up (Seq=Vcc)
Fig.10b: IR3640 Sequencing
Power Up
Fig.10c: IR3640 Timing Diagram of Over-
voltage Protection
Thermal Shutdown
Temperature sensing is provided inside IR3640.
The trip threshold is typically set to 140oC. When
trip threshold is exceeded, thermal shutdown
turns off both MOSFETs and discharges the soft
start capacitor. Automatic restart is initiated when
the sensed temperature drops within the
operating range. There is a 20oC hysteresis in
the thermal shutdown threshold
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com