Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2211 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2211
Description  Advanced LinCMOSE RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2211 Datasheet(HTML) 1 Page - Texas Instruments

  TLV2211 Datasheet HTML 1Page - Texas Instruments TLV2211 Datasheet HTML 2Page - Texas Instruments TLV2211 Datasheet HTML 3Page - Texas Instruments TLV2211 Datasheet HTML 4Page - Texas Instruments TLV2211 Datasheet HTML 5Page - Texas Instruments TLV2211 Datasheet HTML 6Page - Texas Instruments TLV2211 Datasheet HTML 7Page - Texas Instruments TLV2211 Datasheet HTML 8Page - Texas Instruments TLV2211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
TLV2211, TLV2211Y
Advanced LinCMOS
™ RAIL-TO-RAIL
MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
SLOS156B – MAY 1996 – REVISED JANUARY 1997
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Output Swing Includes Both Supply Rails
D Low Noise...21 nV/√Hz Typ at f = 1 kHz
D Low Input Bias Current...1 pA Typ
D Very Low Power...13 µA Per Channel Typ
D Common-Mode Input Voltage Range
Includes Negative Rail
D Wide Supply Voltage Range
2.7 V to 10 V
D Available in the SOT-23 Package
D Macromodel Included
description
The TLV2211 is a single operational amplifier manufactured using the Texas Instruments Advanced LinCMOS
™
process. These devices are optimized and fully specified for single-supply 3-V and 5-V operation. For this
low-voltage operation combined with micropower dissipation levels, the input noise voltage performance has
been dramatically improved using optimized design techniques for CMOS-type amplifiers. Another added
benefit is that these amplifiers exhibit rail-to-rail output swing. The output dynamic range can be extended using
the TLV2211 with loads referenced midway between the rails. The common-mode input voltage range is wider
than typical standard CMOS-type amplifiers. To take advantage of this improvement in performance and to
make this device available for a wider range of applications, VICR is specified with a larger maximum input offset
voltage test limit of
± 5 mV, allowing a minimum of 0 to 2-V common-mode input voltage range for a 3-V power
supply.
AVAILABLE OPTIONS
TA
VIOmax AT 25°C
PACKAGED DEVICES
SYMBOL
CHIP FORM
TA
VIOmax AT 25°C
SOT-23 (DBV)†
SYMBOL
(Y)
0
°C to 70°C
3 mV
TLV2211CDBV
VACC
TLV2211Y
–40
°C to 85°C
3 mV
TLV2211IDBV
VACI
TLV2211Y
† The DBV package available in tape and reel only.
The Advanced LinCMOS process uses a silicon-gate technology to obtain input offset voltage stability with
temperature and time that far exceeds that obtainable using metal-gate technology. This technology also makes
possible input-impedance levels that meet or exceed levels offered by top-gate JFET and expensive
dielectric-isolated devices.
The TLV2211, exhibiting high input impedance and low noise, is excellent for small-signal conditioning for
high-impedance sources such as piezoelectric transducers. Because of the low power dissipation levels
combined with 3-V operation, these devices work well in hand-held monitoring and remote-sensing
applications. In addition, the rail-to-rail output feature with single or split supplies makes these devices excellent
choices when interfacing directly to analog-to-digital converters (ADCs). All of these features combined with its
temperature performance make the TLV2211 ideal for remote pressure sensors, temperature control, active
voltage-resistive (VR) sensors, accelerometers, hand-held metering, and many other applications.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DBV PACKAGE
(TOP VIEW)
5
4
3
1
2
IN –
VDD– /GND
IN +
VDD+
OUT
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1997, Texas Instruments Incorporated
Advanced LinCMOS is a trademark of Texas Instruments Incorporated.


Similar Part No. - TLV2211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2211 TI1-TLV2211 Datasheet
680Kb / 31P
Advanced LinCMOS RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
TLV2211 TI2-TLV2211 Datasheet
764Kb / 33P
Advanced LinCMOS™ RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
REVISED SEPTEMBER 2006
TLV2211CDBV TI1-TLV2211CDBV Datasheet
680Kb / 31P
Advanced LinCMOS RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
TLV2211CDBV TI2-TLV2211CDBV Datasheet
764Kb / 33P
Advanced LinCMOS™ RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
REVISED SEPTEMBER 2006
TLV2211CDBVR TI-TLV2211CDBVR Datasheet
713Kb / 31P
Advanced LinCMOC??RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC227X TI-TLC227X Datasheet
816Kb / 52P
Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2231 TI-TLV2231 Datasheet
585Kb / 27P
Advanced LinCMOSE RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X Datasheet
817Kb / 51P
Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2711 TI-TLV2711 Datasheet
551Kb / 28P
Advanced LinCMOSE RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
TLV2731 TI-TLV2731 Datasheet
631Kb / 28P
Advanced LinCMOSE RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLC2274ACPW TI-TLC2274ACPW Datasheet
816Kb / 52P
Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2872 TI1-TLC2872 Datasheet
260Kb / 17P
Advanced LinCMOSE RAIL-TO-RAIL DUAL OPERATIONAL AMPLIFIERS
TLC2872Z TI1-TLC2872Z Datasheet
260Kb / 17P
Advanced LinCMOSE RAIL-TO-RAIL DUAL OPERATIONAL AMPLIFIERS
TLV226X TI1-TLV226X_15 Datasheet
2Mb / 64P
Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2211 TI1-TLV2211_15 Datasheet
680Kb / 31P
Advanced LinCMOS RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com