Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2211 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2211
Description  Advanced LinCMOSE RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2211 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV2211 Datasheet HTML 17Page - Texas Instruments TLV2211 Datasheet HTML 18Page - Texas Instruments TLV2211 Datasheet HTML 19Page - Texas Instruments TLV2211 Datasheet HTML 20Page - Texas Instruments TLV2211 Datasheet HTML 21Page - Texas Instruments TLV2211 Datasheet HTML 22Page - Texas Instruments TLV2211 Datasheet HTML 23Page - Texas Instruments TLV2211 Datasheet HTML 24Page - Texas Instruments TLV2211 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
TLV2211, TLV2211Y
Advanced LinCMOS
™ RAIL-TO-RAIL
MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
SLOS156B – MAY 1996 – REVISED JANUARY 1997
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 35
INVERTING LARGE-SIGNAL PULSE
RESPONSE†
t – Time –
µs
1.5
1
0.5
0
0
50 100 150 200 250 300
2
2.5
3
350 400 450 500
A V = – 1
TA = 25°C
VDD = 3 V
RL = 10 kΩ
CL = 100 pF
Figure 36
INVERTING LARGE-SIGNAL PULSE
RESPONSE†
t – Time –
µs
2
1
0
0
50
100 150 200 250 300
3
4
5
350 400 450 500
VDD = 5 V
RL = 10 kΩ
CL = 100 pF
AV = – 1
TA = 25°C
Figure 37
VOLTAGE-FOLLOWER LARGE-SIGNAL
PULSE RESPONSE†
t – Time –
µs
2
1
0
0
100 200 300 400 500 600
3
4
5
700 800 900 1000
VDD = 5 V
RL = 10 kΩ
CL = 100 pF
AV = 1
TA = 25°C
Figure 38
VOLTAGE-FOLLOWER LARGE-SIGNAL
PULSE RESPONSE†
t – Time –
µs
2
1
0
0
100
200
300
400
500
3
4
5
VDD = 5 V
CL = 100 pF
AV = 1
TA = 25°C
RL = 10 kΩ
Tied to 2.5 V
RL = 100 kΩ
Tied to 2.5 V
RL = 10 kΩ
Tied to 0 V
† For all curves where VDD = 5 V, all loads are referenced to 2.5 V. For all curves where VDD = 3 V, all loads are referenced to 1.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com