Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2341 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2341
Description  LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2341 Datasheet(HTML) 1 Page - Texas Instruments

  TLV2341 Datasheet HTML 1Page - Texas Instruments TLV2341 Datasheet HTML 2Page - Texas Instruments TLV2341 Datasheet HTML 3Page - Texas Instruments TLV2341 Datasheet HTML 4Page - Texas Instruments TLV2341 Datasheet HTML 5Page - Texas Instruments TLV2341 Datasheet HTML 6Page - Texas Instruments TLV2341 Datasheet HTML 7Page - Texas Instruments TLV2341 Datasheet HTML 8Page - Texas Instruments TLV2341 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
TLV2341, TLV2341Y
LinCMOS
™ PROGRAMMABLE LOW-VOLTAGE
OPERATIONAL AMPLIFIERS
SLOS110A – MAY 1992 – REVISED AUGUST 1994
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Wide Range of Supply Voltages Over
Specified Temperature Range:
TA = –40°C to 85°C...2 V to 8 V
D Fully Characterized at 3 V and 5 V
D Single-Supply Operation
D Common-Mode Input-Voltage Range
Extends Below the Negative Rail and up to
VDD –1 V at 25°C
D Output Voltage Range Includes Negative
Rail
D High Input Impedance...1012 Ω Typ
D Low Noise...25 nV/√Hz Typically at
f = 1 kHz (High-Bias Mode)
D ESD-Protection Circuitry
D Designed-In Latch-Up Immunity
D Bias-Select Feature Enables Maximum
Supply Current Range From 17
µA to
1.5 mA at 25
°C
1
2
3
4
8
7
6
5
OFFSET N1
IN –
IN +
GND
BIAS SELECT
VDD
OUT
OFFSET N2
D OR P PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
OFFSET N1
IN –
IN +
GND
BIAS SELECT
VDD
OUT
OFFSET N2
PW PACKAGE
(TOP VIEW)
description
The TLV2341 operational amplifier has been specifically developed for low-voltage, single-supply applications
and is fully specified to operate over a voltage range of 2 V to 8 V. The device uses the Texas Instruments
silicon-gate LinCMOS
™ technology to facilitate low-power, low-voltage operation and excellent offset-voltage
stability. LinCMOS
™ technology also enables extremely high input impedance and low bias currents allowing
direct interface to high-impedance sources.
The TLV2341 offers a bias-select feature, which allows the device to be programmed with a wide range of
different supply currents and therefore different levels of ac performance. The supply current can be set at
17
µA, 250 µA, or 1.5 mA, which results in slew-rate specifications between 0.02 and 2.1 V/µs (at 3 V).
The TLV2341 operational amplifiers are especially well suited to single-supply applications and are fully
specified and characterized at 3-V and 5-V power supplies. This low-voltage single-supply operation combined
with low power consumption makes this device a good choice for remote, inaccessible, or portable
battery-powered applications. The common-mode input range includes the negative rail.
The device inputs and outputs are designed to withstand – 100-mA currents without sustaining latch-up. The
TLV2341 incorporates internal ESD-protection circuits that prevents functional failures at voltages up to
2000 V as tested under MIL-STD 883 C, Methods 3015.2; however, care should be exercised in handling these
devices as exposure to ESD may result in the degradation of the device parametric performance.
AVAILABLE OPTIONS
PACKAGED DEVICES
CHIP
TA
VIOmax
AT 25
°C
SMALL
OUTLINE
(D)
PLASTIC
DIP
(P)
TSSOP
(PW)
CHIP
FORM
(Y)
–40
°C to 85°C
8 mV
TLV2341ID
TLV2341IP
TLV2341IPWLE
TLV2341Y
The D package is available taped and reeled. Add R suffix to the device type (e.g., TLV2341IDR).
The PW package is only available left-end taped and reeled (e.g., TLV2341IPWLE).
Copyright
© 1994, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
LinCMOS is a trademark of Texas Instruments Incorporated.


Similar Part No. - TLV2341

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2341 TI1-TLV2341 Datasheet
745Kb / 53P
LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2341 TI2-TLV2341 Datasheet
808Kb / 53P
LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
REVISED AUGUST 1994
TLV2341ID TI1-TLV2341ID Datasheet
745Kb / 53P
LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2341ID TI2-TLV2341ID Datasheet
808Kb / 53P
LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
REVISED AUGUST 1994
TLV2341ID.A TI2-TLV2341ID.A Datasheet
808Kb / 53P
LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
REVISED AUGUST 1994
More results

Similar Description - TLV2341

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC251 TI-TLC251 Datasheet
273Kb / 18P
LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271 Datasheet
1Mb / 74P
LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2322 TI-TLV2322 Datasheet
502Kb / 33P
LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2332 TI-TLV2332 Datasheet
500Kb / 33P
LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
TLV2342 TI-TLV2342 Datasheet
519Kb / 34P
LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271_01 Datasheet
1Mb / 82P
LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2322 TI1-TLV2322_12 Datasheet
769Kb / 33P
LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2332 TI1-TLV2332_16 Datasheet
988Kb / 33P
LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
TLV2341 TI1-TLV2341_16 Datasheet
745Kb / 53P
LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2342 TI1-TLV2342_15 Datasheet
1Mb / 43P
LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com