Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2322IP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2322IP
Description  LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2322IP Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV2322IP Datasheet HTML 12Page - Texas Instruments TLV2322IP Datasheet HTML 13Page - Texas Instruments TLV2322IP Datasheet HTML 14Page - Texas Instruments TLV2322IP Datasheet HTML 15Page - Texas Instruments TLV2322IP Datasheet HTML 16Page - Texas Instruments TLV2322IP Datasheet HTML 17Page - Texas Instruments TLV2322IP Datasheet HTML 18Page - Texas Instruments TLV2322IP Datasheet HTML 19Page - Texas Instruments TLV2322IP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
TLV2322, TLV2322Y, TLV2324, TLV2324Y
LinCMOS
™ LOW-VOLTAGE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS187 – FEBRUARY 1997
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
1.8
1.2
0.6
0
2.4
3
HIGH-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
– 75
– 50
– 25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
VDD = 3 V
VIC = 1 V
VID = 100 mV
IOH = – 500 µA
IOH = – 1 mA
IOH = – 2 mA
IOH = – 3 mA
IOH = – 4 mA
Figure 14
500
400
350
300
0
0.5
1
1.5
2
2.5
600
650
700
3
3.5
4
550
450
LOW-LEVEL OUTPUT VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
VIC – Common-Mode Input Voltage – V
VDD = 5 V
IOL = 5 mA
TA = 25°C
VID = –100 mV
VID = –1 V
Figure 15
– 75
– 50
– 25
0
25
50
75
100
125
125
110
80
65
50
185
95
155
140
170
200
LOW-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VDD = 3 V
VIC = 1 V
VID = – 100 mV
IOL = 1 mA
400
200
100
0
600
700
800
500
300
LOW-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
900
– 75
– 50
– 25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
VDD = 5 V
VIC = 0.5 V
VID = – 1 V
IOL = 5 mA
Figure 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com