Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2322IP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2322IP
Description  LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2322IP Datasheet(HTML) 3 Page - Texas Instruments

  TLV2322IP Datasheet HTML 1Page - Texas Instruments TLV2322IP Datasheet HTML 2Page - Texas Instruments TLV2322IP Datasheet HTML 3Page - Texas Instruments TLV2322IP Datasheet HTML 4Page - Texas Instruments TLV2322IP Datasheet HTML 5Page - Texas Instruments TLV2322IP Datasheet HTML 6Page - Texas Instruments TLV2322IP Datasheet HTML 7Page - Texas Instruments TLV2322IP Datasheet HTML 8Page - Texas Instruments TLV2322IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
TLV2322, TLV2322Y, TLV2324, TLV2324Y
LinCMOS
™ LOW-VOLTAGE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS187 – FEBRUARY 1997
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLV2324Y chip information
This chip, when properly assembled, display characteristics similar to the TLV2324. Thermal compression or
ultrasonic bonding may be used on the doped-aluminum bonding pads. Chips may be mounted with conductive
epoxy or a gold-silicon preform.
BONDING PAD ASSIGNMENTS
+
–
1OUT
1IN +
1IN –
VDD
(4)
(6)
(3)
(2)
(5)
(1)
2IN +
2IN –
2OUT
(11)
VDD– /GND
+
–
3OUT
3IN +
3IN –
(13)
(10)
(9)
(12)
(8)
–
+
(14)
4OUT
4IN +
4IN –
+
–
(7)
CHIP THICKNESS: 15 MILS TYPICAL
BONDING PADS: 4
× 4 MILS MINIMUM
TJmax = 150°C
TOLERANCES ARE
±10%.
ALL DIMENSIONS ARE IN MILS.
PIN (12) IS INTERNALLY CONNECTED
TO BACKSIDE OF CHIP.
68
108
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
(12)
(13)
(14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com