Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2721 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2721
Description  Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2721 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV2721 Datasheet HTML 2Page - Texas Instruments TLV2721 Datasheet HTML 3Page - Texas Instruments TLV2721 Datasheet HTML 4Page - Texas Instruments TLV2721 Datasheet HTML 5Page - Texas Instruments TLV2721 Datasheet HTML 6Page - Texas Instruments TLV2721 Datasheet HTML 7Page - Texas Instruments TLV2721 Datasheet HTML 8Page - Texas Instruments TLV2721 Datasheet HTML 9Page - Texas Instruments TLV2721 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TLV2721, TLV2721Y
Advanced LinCMOS
™ RAIL-TO-RAIL
VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
SLOS197 – AUGUST 1997
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics at specified free-air temperature, VDD = 3 V
PARAMETER
TEST CONDITIONS
TA†
TLV2721C
TLV2721I
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Slew rate at unity
VO =1 1Vto1 9V
R2 k
Ω‡
25
°C
0.1
0.25
0.1
0.25
SR
Slew rate at unity
gain
VO = 1.1 V to 1.9 V,
CL = 100 pF‡
RL = 2 kه,
Full
range
0.05
0.05
V/
µs
V
Equivalent input
f = 10 Hz
25
°C
120
120
nV/
√Hz
Vn
q
noise voltage
f = 1 kHz
25
°C
20
20
nV/
√Hz
VN(PP)
Peak-to-peak
equivalent input
f = 0.1 Hz to 1 Hz
25
°C
680
680
mV
VN(PP) equivalent input
noise voltage
f = 0.1 Hz to 10 Hz
25
°C
860
860
mV
In
Equivalent input
noise current
25
°C
0.6
0.6
fA /
√Hz
VO = 1 V to 2 V,
f
20 kHz
AV = 1
25
°C
2.52%
2.52%
THD+N
Total harmonic
f = 20 kHz,
RL = 2 kه
AV = 10
25
°C
7.01%
7.01%
THD+N
distortion plus noise
VO = 1 V to 2 V,
f
20 kHz
AV = 1
25
°C
0.076%
0.076%
f = 20 kHz,
RL = 2 kΩ§
AV = 10
25
°C
0.147%
0.147%
Gain-bandwidth
product
f = 1 kHz,
CL = 100 pF‡
RL = 2 kه,
25
°C
480
480
kHz
BOM
Maximum
output-swing
bandwidth
VO(PP) = 1 V,
RL = 2 kه,
AV = 1,
CL = 100 pF‡
25
°C
30
30
kHz
t
Settling time
AV = –1,
Step = 1 V to 2 V,
To 0.1%
25
°C
4.5
4.5
µs
ts
Settling time
,
RL = 2 kه,
CL = 100 pF‡
To 0.01%
25
°C
6.8
6.8
µs
φm
Phase margin at
unity gain
RL = 2 kه,
CL = 100 pF‡
25
°C
53
°
53
°
Gain margin
L
,
L
25
°C
12
12
dB
† Full range is – 40
°C to 85°C.
‡ Referenced to 1.5 V
§ Referenced to 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com