Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2721 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2721
Description  Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2721 Datasheet(HTML) 1 Page - Texas Instruments

  TLV2721 Datasheet HTML 1Page - Texas Instruments TLV2721 Datasheet HTML 2Page - Texas Instruments TLV2721 Datasheet HTML 3Page - Texas Instruments TLV2721 Datasheet HTML 4Page - Texas Instruments TLV2721 Datasheet HTML 5Page - Texas Instruments TLV2721 Datasheet HTML 6Page - Texas Instruments TLV2721 Datasheet HTML 7Page - Texas Instruments TLV2721 Datasheet HTML 8Page - Texas Instruments TLV2721 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
TLV2721, TLV2721Y
Advanced LinCMOS
™ RAIL-TO-RAIL
VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
SLOS197 – AUGUST1997
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Output Swing Includes Both Supply Rails
D Low Noise...19 nV/√Hz Typ at f = 1 kHz
D Low Input Bias Current...1 pA Typ
D Fully Specified for Single-Supply 3-V and
5-V Operation
D Very Low Power...110 µA Typ
D Common-Mode Input Voltage Range
Includes Negative Rail
D Wide Supply Voltage Range
2.7 V to 10 V
D Macromodel Included
description
The TLV2721 is a single low-voltage operational amplifier available in the SOT-23 package. It offers a
compromise between the ac performance and output drive of the TLV2731 and the micropower TLV2711.
It consumes only 150
µA (max) of supply current and is ideal for battery-powered applications. The device
exhibits rail-to-rail output performance for increased dynamic range in single- or split-supply applications. The
TLV2721 is fully characterized at 3 V and 5 V and is optimized for low-voltage applications.
The TLV2721, exhibiting high input impedance and low noise, is excellent for small-signal conditioning for
high-impedance sources, such as piezoelectric transducers. Because of the micropower dissipation levels
combined with 3-V operation, these devices work well in hand-held monitoring and remote-sensing
applications. In addition, the rail-to-rail output feature with single or split supplies makes this family a great
choice when interfacing with analog-to-digital converters (ADCs).
With a total area of 5.6mm2, the SOT-23 package only requires one third the board space of the standard 8-pin
SOIC package. This ultra-small package allows designers to place single amplifiers very close to the signal
source, minimizing noise pick-up from long PCB traces.
AVAILABLE OPTIONS
TA
VIOmax AT 25°C
PACKAGED DEVICES
SYMBOL
CHIP
FORM‡
TA
VIOmax AT 25°C
SOT-23 (DBV)†
SYMBOL
FORM‡
(Y)
0
°C to 70°C
3 mV
TLV2721CDBV
VAKC
TLV2721Y
–40
°C to 85°C
3 mV
TLV2721IDBV
VAKI
TLV2721Y
† The DBV package available in tape and reel only.
‡ Chip forms are tested at TA = 25°C only.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DBV PACKAGE
(TOP VIEW)
5
4
3
1
2
IN +
VDD+
OUT
VDD– /GND
IN–
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1997, Texas Instruments Incorporated
Advanced LinCMOS is a trademark of Texas Instruments Incorporated.


Similar Part No. - TLV2721

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2721 TI-TLV2721 Datasheet
693Kb / 28P
Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POEWR SINGLE OPERATIONAL AMPLIFIERS
TLV2721 TI2-TLV2721 Datasheet
804Kb / 31P
Advanced LinCMOS™ RAIL-TO-RAIL VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
REVISED MARCH 2001
TLV2721CDBV TI-TLV2721CDBV Datasheet
693Kb / 28P
Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POEWR SINGLE OPERATIONAL AMPLIFIERS
TLV2721CDBV TI2-TLV2721CDBV Datasheet
804Kb / 31P
Advanced LinCMOS™ RAIL-TO-RAIL VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
REVISED MARCH 2001
TLV2721CDBVR TI-TLV2721CDBVR Datasheet
693Kb / 28P
Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POEWR SINGLE OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2721

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC225X TI-TLC225X Datasheet
926Kb / 57P
Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X Datasheet
816Kb / 52P
Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2221 TI-TLV2221 Datasheet
593Kb / 29P
Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV2231 TI-TLV2231 Datasheet
585Kb / 27P
Advanced LinCMOSE RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV225X TI-TLV225X Datasheet
1Mb / 60P
Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X Datasheet
817Kb / 51P
Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2711 TI-TLV2711 Datasheet
551Kb / 28P
Advanced LinCMOSE RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
TLV2731 TI-TLV2731 Datasheet
631Kb / 28P
Advanced LinCMOSE RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLC2274ACPW TI-TLC2274ACPW Datasheet
816Kb / 52P
Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI1-TLV226X_15 Datasheet
2Mb / 64P
Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com