Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2434CD Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2434CD
Description  Advanced LinCMOSE RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2434CD Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV2434CD Datasheet HTML 8Page - Texas Instruments TLV2434CD Datasheet HTML 9Page - Texas Instruments TLV2434CD Datasheet HTML 10Page - Texas Instruments TLV2434CD Datasheet HTML 11Page - Texas Instruments TLV2434CD Datasheet HTML 12Page - Texas Instruments TLV2434CD Datasheet HTML 13Page - Texas Instruments TLV2434CD Datasheet HTML 14Page - Texas Instruments TLV2434CD Datasheet HTML 15Page - Texas Instruments TLV2434CD Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
TLV2432, TLV2432A, TLV2434, TLV2434A
Advanced LinCMOS
™ RAIL-TO-RAIL OUTPUT
WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
SLOS168E – NOVEMBER 1996 – REVISED NOVEMBER 1999
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics at specified free-air temperature, VDD = 5 V
PARAMETER
TEST CONDITIONS
TA†
TLV243xQ,
TLV243xM,
TLV243xAQ,
TLV243xAM
UNIT
MIN
TYP
MAX
VO 1 5Vto3 5V
RL 2kه
25
°C
0.15
0.25
SR
Slew rate at unity gain
VO = 1.5 V to 3.5 V,
CL = 100 pF‡
RL = 2 kه,
Full
01
V/
µs
CL = 100 F‡
range
0.1
V
Equivalent input noise voltage
f = 10 Hz
25
°C
100
nV/
√Hz
Vn
Equivalent input noise voltage
f = 1 kHz
25
°C
18
nV/
√Hz
VN(PP)
Peak to peak equivalent input noise voltage
f = 0.1 Hz to 1 Hz
25
°C
1.9
µV
VN(PP)
Peak-to-peak equivalent input noise voltage
f = 0.1 Hz to 10 Hz
25
°C
2.8
µV
In
Equivalent input noise current
25
°C
0.6
fA
√Hz
THD+N
Total harmonic distortion plus noise
VO = 1.5 V to 3.5 V,
f
1 kHz
AV = 1
25
°C
0.045%
THD + N
Total harmonic distortion plus noise
f = 1 kHz,
RL = 2 kه
AV = 10
25
°C
0.4%
Gain-bandwidth product
f = 10 kHz,
CL = 100 pF‡
RL =2 kه,
25
°C
0.55
MHz
BOM
Maximum output-swing bandwidth
VO(PP) = 2 V,
RL = 2 kه,
AV = 1,
CL = 100 pF‡
25
°C
100
kHz
AV =– 1,
To 0 1%
64
t
Settling time
AV = 1,
Step = 1.5 V to 3.5 V,
To 0.1%
25
°C
6.4
µs
ts
Settling time
,
RL = 2 kه,
‡
To 0 01%
25
°C
13 1
µs
L
CL = 100 pF‡
To 0.01%
13.1
φm
Phase margin at unity gain
RL =2kه,
CL = 100 pF‡
25
°C
66
°
Gain margin
RL = 2 kه,
CL = 100 pF‡
25
°C
11
dB
† Full range is – 40
°C to 125°C for Q level part, –55°C to 125°C for M level part.
‡ Referenced to 2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com