Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2434CD Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2434CD
Description  Advanced LinCMOSE RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2434CD Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV2434CD Datasheet HTML 9Page - Texas Instruments TLV2434CD Datasheet HTML 10Page - Texas Instruments TLV2434CD Datasheet HTML 11Page - Texas Instruments TLV2434CD Datasheet HTML 12Page - Texas Instruments TLV2434CD Datasheet HTML 13Page - Texas Instruments TLV2434CD Datasheet HTML 14Page - Texas Instruments TLV2434CD Datasheet HTML 15Page - Texas Instruments TLV2434CD Datasheet HTML 16Page - Texas Instruments TLV2434CD Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
TLV2432, TLV2432A, TLV2434, TLV2434A
Advanced LinCMOS
™ RAIL-TO-RAIL OUTPUT
WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
SLOS168E – NOVEMBER 1996 – REVISED NOVEMBER 1999
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
2,3
VIO
Input offset voltage
vs Common-mode input voltage
,
4,5
αVIO
Temperature coefficient
Distribution
6,7
IIB/IIO
Input bias and input offset currents
vs Free-air temperature
8
VOH
High-level output voltage
vs High-level output current
9,11
VOL
Low-level output voltage
vs Low-level output current
10,12
VO(PP)
Maximum peak-to-peak output voltage
vs Frequency
13
IOS
Short circuit output current
vs Supply voltage
14
IOS
Short-circuit output current
yg
vs Free-air temperature
15
VID
Differential input voltage
vs Output voltage
16,17
Differential gain
vs Load resistance
18
AVD
Large-signal differential voltage amplification
vs Frequency
19,20
AVD
Differential voltage amplification
vs Free-air temperature
21,22
zo
Output impedance
vs Frequency
23,24
CMRR
Common mode rejection ratio
vs Frequency
25
CMRR
Common-mode rejection ratio
qy
vs Free-air temperature
26
kSVR
Supply voltage rejection ratio
vs Frequency
27,28
kSVR
Supply-voltage rejection ratio
qy
vs Free-air temperature
,
29
IDD
Supply current
vs Supply voltage
30
SR
Slew rate
vs Load capacitance
31
SR
Slew rate
vs Free-air temperature
32
VO
Inverting large-signal pulse response
33,34
VO
Voltage-follower large-signal pulse response
35,36
VO
Inverting small-signal pulse response
37,38
VO
Voltage-follower small-signal pulse response
39,40
Vn
Equivalent input noise voltage
vs Frequency
41, 42
Noise voltage (referred to input)
Over a 10-second period
43
THD + N
Total harmonic distortion plus noise
vs Frequency
44,45
Gain bandwidth product
vs Free-air temperature
46
Gain-bandwidth product
vs Supply voltage
47
φ
Phase margin
vs Frequency
19,20
φm
Phase margin
qy
vs Load capacitance
,
48
Gain margin
vs Load capacitance
49
B1
Unity-gain bandwidth
vs Load capacitance
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com