Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC640 Datasheet(PDF) 2 Page - Motorola, Inc

Part # BC640
Description  High Current Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC640 Datasheet(HTML) 2 Page - Motorola, Inc

  BC640 Datasheet HTML 1Page - Motorola, Inc BC640 Datasheet HTML 2Page - Motorola, Inc BC640 Datasheet HTML 3Page - Motorola, Inc BC640 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC636 BC638 BC640
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS(1)
DC Current Gain
(IC = –5.0 mAdc, VCE = –2.0 Vdc)
(IC = –150 mAdc, VCE = –2.0 Vdc)
BC636
BC638
BC640
(IC = –500 mA, VCE = –2.0 V)
hFE
25
40
40
40
25
—
—
—
—
—
—
250
160
160
—
—
Collector – Emitter Saturation Voltage
(IC = –500 mAdc, IB = –50 mAdc)
VCE(sat)
—
—
–0.25
–0.5
–0.5
—
Vdc
Base–Emitter On Voltage
(IC = –500 mAdc, VCE = –2.0 Vdc)
VBE(on)
—
—
–1.0
Vdc
DYNAMIC CHARACTERISTICS
Current – Gain — Bandwidth Product
(IC = –50 mAdc, VCE = –2.0 Vdc, f = 100 MHz)
fT
—
150
—
MHz
Output Capacitance
(VCB = –10 Vdc, IE = 0, f = 1.0 MHz)
Cob
—
9.0
—
pF
Input Capacitance
(VEB = –0.5 Vdc, IC = 0, f = 1.0 MHz)
Cib
—
110
—
pF
1. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle 2.0%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com