Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC640 Datasheet(PDF) 3 Page - Motorola, Inc

Part # BC640
Description  High Current Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC640 Datasheet(HTML) 3 Page - Motorola, Inc

  BC640 Datasheet HTML 1Page - Motorola, Inc BC640 Datasheet HTML 2Page - Motorola, Inc BC640 Datasheet HTML 3Page - Motorola, Inc BC640 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BC636 BC638 BC640
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
–1000
–1
–2
–5
–10
–20
–50
–100
–200
–500
–100
–1
–2
–3 –4 –5
–7 –10
–20
–30–40 –50 –70
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
Figure 1. Active Region Safe Operating Area
BC636
BC638
BC640
PD TA 25°C
PD TC 25°C
SOA = 1S
PD TC 25°C
PD TA 25°C
500
200
100
50
20
–1
–3
–5
–10
–30 –50
–100
–300 –500 –1000
IC, COLLECTOR CURRENT (mA)
Figure 2. DC Current Gain
VCE = –2 V
500
300
100
50
20
–1
–10
–100
–1000
IC, COLLECTOR CURRENT (mA)
Figure 3. Current Gain Bandwidth Product
–1
–0.8
–0.6
–0.4
–0.2
0
–1
–10
IC, COLLECTOR CURRENT (mA)
Figure 4. “Saturation” and “On” Voltages
VBE(sat) @ IC/IB = 10
VBE(on) @ VCE = –2 V
VCE(sat) @ IC/IB = 10
–0.2
–1.0
–2.2
–1.6
IC, COLLECTOR CURRENT (mA)
Figure 5. Temperature Coefficients
VCE = –2 VOLTS
∆T = 0°C to +100°C
θV for VBE
–A
–B
–L
VCE = –2 V
–100
–1000
–1
–3
–5
–10
–30 –50
–100
–300 –500 –1000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com