Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5580 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5580
Description  8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5580 Datasheet(HTML) 1 Page - Texas Instruments

  TLV5580 Datasheet HTML 1Page - Texas Instruments TLV5580 Datasheet HTML 2Page - Texas Instruments TLV5580 Datasheet HTML 3Page - Texas Instruments TLV5580 Datasheet HTML 4Page - Texas Instruments TLV5580 Datasheet HTML 5Page - Texas Instruments TLV5580 Datasheet HTML 6Page - Texas Instruments TLV5580 Datasheet HTML 7Page - Texas Instruments TLV5580 Datasheet HTML 8Page - Texas Instruments TLV5580 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
TLV5580
8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
SLAS205A – DECEMBER 1998 – REVISED JANUARY 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 8-Bit Resolution 80 MSPS Sampling
Analog-to-Digital Converter (ADC)
D Low Power Consumption: 165 mW Typ
Using External references
D Wide Analog Input Bandwidth: 700 MHz Typ
D 3.3 V Single-Supply Operation
D 3.3 V TTL/CMOS-Compatible Digital I/O
D Internal Bottom and Top Reference
Voltages
D Adjustable Reference Input Range
D Power Down (Standby) Mode
D Separate Power Down for Internal Voltage
References
D Three-State Outputs
D 28-Pin Small Outline IC (SOIC) and Thin
Shrink SOP (TSSOP) Packages
D Applications
– Digital Communications (IF Sampling)
– Flat Panel Displays
– High-Speed DSP Front-End
(TMS320C6000)
– Medical Imaging
– Graphics Processing (Scan Rate/Format
Conversion)
– DVD Read Channel Digitization
description
The TLV5580 is an 8-bit 80 MSPS high-speed A/D converter. It converts the analog input signal into 8-bit
binary-coded digital words up to a sampling rate of 80 MHz. All digital inputs and outputs are 3.3 V
TTL /CMOS-compatible.
The device consumes very little power due to the 3.3 V supply and an innovative single-pipeline architecture
implemented in a CMOS process. The user obtains maximum flexibility by setting both bottom and top voltage
references from user-supplied voltages. If no external references are available, on-chip references are
available for internal and external use. The full-scale range is 1 Vpp up to 1.6 Vpp, depending on the analog
supply voltage. If external references are available, the internal references can be disabled independently from
the rest of the chip, resulting in an even greater power saving.
While usable in a wide variety of applications, the device is specifically suited for the digitizing of high-speed
graphics and for interfacing to LCD panels or LCD/DMD projection modules . Other applications include DVD
read channel digitization, medical imaging and communications. This device is suitable for IF sampling of
communication systems using sub-Nyquist sampling methods because of its high analog input bandwidth.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DRVDD
D0
D1
D2
D3
D4
D5
D6
D7
DRVSS
DVSS
CLK
OE
DVDD
AVSS
AVDD
AIN
CML
PWDN_REF
AVSS
REFBO
REFBI
REFTI
REFTO
AVSS
BG
AVDD
STBY
DW OR PW PACKAGE
(TOP VIEW)
Copyright
© 1999, Texas Instruments Incorporated


Similar Part No. - TLV5580

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5580 TI1-TLV5580 Datasheet
509Kb / 38P
8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
TLV5580 TI2-TLV5580 Datasheet
462Kb / 35P
8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
REVISED OCTOBER 2003
TLV5580CDW TI1-TLV5580CDW Datasheet
509Kb / 38P
8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
TLV5580CDW TI2-TLV5580CDW Datasheet
462Kb / 35P
8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
REVISED OCTOBER 2003
TLV5580CDWR TI1-TLV5580CDWR Datasheet
509Kb / 38P
8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
More results

Similar Description - TLV5580

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9057 AD-AD9057 Datasheet
184Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV.B
AD9283 AD-AD9283 Datasheet
155Kb / 12P
8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV.B
AD9444 AD-AD9444 Datasheet
1Mb / 40P
14-Bit, 80 MSPS, A/D Converter
10/04-Revision 0
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
TLV5580 TI1-TLV5580_15 Datasheet
509Kb / 38P
8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com