Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5535IPW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5535IPW
Description  8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5535IPW Datasheet(HTML) 4 Page - Texas Instruments

  TLV5535IPW Datasheet HTML 1Page - Texas Instruments TLV5535IPW Datasheet HTML 2Page - Texas Instruments TLV5535IPW Datasheet HTML 3Page - Texas Instruments TLV5535IPW Datasheet HTML 4Page - Texas Instruments TLV5535IPW Datasheet HTML 5Page - Texas Instruments TLV5535IPW Datasheet HTML 6Page - Texas Instruments TLV5535IPW Datasheet HTML 7Page - Texas Instruments TLV5535IPW Datasheet HTML 8Page - Texas Instruments TLV5535IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
TLV5535
8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
SLAS221 – JUNE 1999
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions over operating free-temperature range
power supply
MIN
NOM
MAX
UNIT
AVDD – AVSS
Supply voltage
DVDD – DVSS
3
3.3
3.6
V
DRVDD – DRVSS
analog and reference inputs
MIN
NOM
MAX
UNIT
Reference input voltage (top), V(REFTI)
(NOM) – 0.2
2 + (AVDD – 3)
(NOM) + 0.2
V
Reference input voltage (bottom), V(REFBI)
0.8
1
1.2
V
Reference voltage differential, V(REFTI) – V(REFBI)
1 + (AVDD – 3)
V
Analog input voltage, V(AIN)
V(REFBI)
V(REFTI)
V
digital inputs
MIN
NOM
MAX
UNIT
High-level input voltage, VIH
2.0
DVDD
V
Low-level input voltage, VIL
DGND
0.2xDVDD
V
Clock period, tc
28.6
ns
Pulse duration, clock high, tw(CLKH)
13
ns
Pulse duration, clock low, tw(CLKL)
13
ns
electrical characteristics over recommended operating conditions, fCLK = 35 MSPS, external
voltage references (unless otherwise noted)
power supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AVDD
AV
DV
3 3 V DRV
3 V
27
34
IDD
Operating supply current
DVDD
AVDD = DVDD = 3.3 V, DRVDD = 3 V,
CL =15 pFVI = 1 MHz –1-dB FS
1.5
2.6
mA
DRVDD
CL = 15 F, VI = 1 MHz, –1-dB FS
4
6
PD
Power dissipation
PWDN_REF = L
106
139
PD
Power dissipation
PWDN_REF = H
90
113
mW
PD(STBY)
Standby power
STBY = H,
CLK held high or low
11
15
digital logic inputs
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIH
High-level input current on CLK†
AVDD = DVDD = DRVDD = CLK = 3.6 V
10
µA
IIL
Low-level input current on digital inputs
(OE, STDBY, PWDN_REF, CLK)
AVDD = DVDD = DRVDD = 3.6 V,
Digital inputs at 0 V
10
µA
CI
Input capacitance
5
pF
† IIH leakage current on other digital inputs (OE, STDBY, PWDN_REF) is not measured since these inputs have an internal pull-down resistor of
4 K
Ω to DGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com