Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5535IPW Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5535IPW
Description  8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5535IPW Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLV5535IPW Datasheet HTML 11Page - Texas Instruments TLV5535IPW Datasheet HTML 12Page - Texas Instruments TLV5535IPW Datasheet HTML 13Page - Texas Instruments TLV5535IPW Datasheet HTML 14Page - Texas Instruments TLV5535IPW Datasheet HTML 15Page - Texas Instruments TLV5535IPW Datasheet HTML 16Page - Texas Instruments TLV5535IPW Datasheet HTML 17Page - Texas Instruments TLV5535IPW Datasheet HTML 18Page - Texas Instruments TLV5535IPW Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
TLV5535
8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
SLAS221 – JUNE 1999
15
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLE OF OPERATION
ac coupled input (continued)
VIN
AIN
TLV5535
R1
R2
VBIAS
+
C1
C2
Figure 14. AC-Coupled Input Circuit
reference terminals
The voltages on terminals REFBI and REFTI determine the TLV5535 input range. Since the device has an
internal voltage reference generator with outputs available on REFBO and REFTO respectively, corresponding
terminals can be directly connected externally to provide a contained ADC solution. Especially at higher
sampling rates, it is advantageous to have a wider analog input range. The wider analog input range is
achievable by using external voltage references (e.g., at AVDD = 3.3 V, the full-scale range can be extended
from 1 Vpp (internal reference) to 1.3 Vpp (external reference) as shown in Table 1). These voltages should not
be derived via a voltage divider from a power supply source. Instead, a bandgap-derived voltage reference
should be used to derive both references via an op amp circuit. Refer to the schematic of the TLV5535 evaluation
module for an example circuit.
When using external references, the full-scale ADC input range and its dc position can be adjusted. The
full-scale ADC range is always equal to VREFT – VREFB. The maximum full-scale range is dependent on AVDD
as shown in the specification section. In addition to the limitation on their difference, VREFT and VREFB each also
have limits on their useful range. These limits are also dependent on AVDD.
Table 1 summarizes these limits for 3 cases.
Table 1. Recommended Operating Modes
AVDD
VREFB(min)
VREFB(max)
VREFT(min)
VREFT(max)
(VREFT–VREFB)max
3 V
0.8 V
1.2 V
1.8 V
2.2 V
1 V
3.3 V
0.8 V
1.2 V
2.1 V
2.5 V
1.3 V
3.6 V
0.8 V
1.2 V
2.4 V
2.8 V
1.6 V
digital inputs
The digital inputs are CLK, STDBY, PWDN_REF, and OE. All of these signals, except CLK, have an internal
pulldown resistor to connect to digital ground. This provides a default active operation mode using internal
references when left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com