Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5592 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV5592
Description  2-BIT ANALOG-TO-DIGITAL CONVERTER FOR FLEX PAGER CHIPSET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5592 Datasheet(HTML) 1 Page - Texas Instruments

  TLV5592 Datasheet HTML 1Page - Texas Instruments TLV5592 Datasheet HTML 2Page - Texas Instruments TLV5592 Datasheet HTML 3Page - Texas Instruments TLV5592 Datasheet HTML 4Page - Texas Instruments TLV5592 Datasheet HTML 5Page - Texas Instruments TLV5592 Datasheet HTML 6Page - Texas Instruments TLV5592 Datasheet HTML 7Page - Texas Instruments TLV5592 Datasheet HTML 8Page - Texas Instruments TLV5592 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
DVDD
AVDD
SIG
DC OFFSET
MID
GND
BW
CLK
TEST
TRACKINH
EXTS0
EXTS1
CON2
CON1
D PACKAGE
(TOP VIEW)
TLV5592
2-BIT ANALOG-TO-DIGITAL CONVERTER
FOR FLEX
t PAGER CHIPSET
SLAS145A – JUNE1996 – REVISED DECEMBER 1997
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Supports FLEXt Protocol Messaging Systems
With The TLV559X FLEX Decoder
D 3-Pole Butterworth Low-Pass Selectable
Dual-Bandwidth Audio Filter
– BW 1 = 1 kHz
±5% (– 3 dB)
– BW 2 = 2 kHz
±5% (– 3 dB)
D Both Peak and Valley Detectors Available
D 2-Bit Analog-to-Digital Converter
D Operating Temperature Range –20°C to 65°C
D Four Modes of Operation:
– Fast Track
– Slow Track
– Hold
– Standby
D 1.8-V to 2.5-V Single Power Supply
Operation
applications
D FLEX Protocol Numeric and
Alphanumeric Messaging Systems
D One-Way or Two-Way
description
The Texas Instruments (TI
™) TLV5592 analog-to-
digital converter (ADC) is a system level solution
to interface a 4-level baseband audio signal to a
digital decoder. The TLV5592 is a direct interface
to the TLV559X FLEX decoder. Designed primari-
ly for messaging applications, the TLV5592 incor-
porates signal conditioning, both peak and valley
detection along with analog-to-digital conversion.
A selectable third-order Butterworth filter with
cutoff frequencies of 1 kHz and 2 kHz is included.
The peak and valley detectors are implemented
with a unique design that does not require external
capacitors. Two 8-bit digital-to-analog converters
(DACs) are used in a feedback loop to
automatically adjust to the peak and valley levels.
The DAC outputs are used to set Vref+ and Vref– for
the 2-bit ADC. Modes of operation include fast
track, slow track, hold, and standby. The standby
mode maximizes battery life. The TLV5592
operates on a single power supply from 1.8 V to
2.5 V.
AVAILABLE OPTIONS
PACKAGE
TA
SMALL OUTLINE
(D)
–25
°C to 65°C
TLV5592ED
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
FLEX is a trademark of Motorola Inc.
TI is a trademark of Texas Instruments Incorporated.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1997, Texas Instruments Incorporated


Similar Part No. - TLV5592

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5590 TI-TLV5590 Datasheet
213Kb / 16P
2-BIT ANALOG-TO-DIGITAL CONVERTER FOR FLEX
TLV5590 TI1-TLV5590 Datasheet
224Kb / 16P
2-BIT ANALOG-TO-DIGITAL CONVERTER FOR FLEX
TLV5590ED TI-TLV5590ED Datasheet
213Kb / 16P
2-BIT ANALOG-TO-DIGITAL CONVERTER FOR FLEX
TLV5590ED TI1-TLV5590ED Datasheet
224Kb / 16P
2-BIT ANALOG-TO-DIGITAL CONVERTER FOR FLEX
TLV5590EDR TI1-TLV5590EDR Datasheet
224Kb / 16P
2-BIT ANALOG-TO-DIGITAL CONVERTER FOR FLEX
More results

Similar Description - TLV5592

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8761 PHILIPS-TDA8761 Datasheet
93Kb / 20P
9-bit analog-to-digital converter for digital video
1995 Mar 20
TDA8761A PHILIPS-TDA8761A Datasheet
166Kb / 24P
9-bit analog-to-digital converter for digital video
1998 Nov 03
logo
Texas Instruments
TLV5590 TI-TLV5590 Datasheet
213Kb / 16P
2-BIT ANALOG-TO-DIGITAL CONVERTER FOR FLEX
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
24-Bit Analog-to-Digital Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
16-Bit Analog-to-Digital Converter
logo
Texas Instruments
TLC5502-5M TI1-TLC5502-5M Datasheet
92Kb / 11P
8-BIT ANALOG-TO-DIGITAL CONVERTER
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
20-BIT ANALOG-TO-DIGITAL CONVERTER
TLV5590 TI1-TLV5590_08 Datasheet
224Kb / 16P
2-BIT ANALOG-TO-DIGITAL CONVERTER FOR FLEX
ADS1148-Q1 TI1-ADS1148-Q1 Datasheet
1Mb / 80P
Automotive,16-Bit, 2-kSPS, Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com