Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5614 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5614
Description  2.7-V TO 5.5-V 12-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5614 Datasheet(HTML) 1 Page - Texas Instruments

  TLV5614 Datasheet HTML 1Page - Texas Instruments TLV5614 Datasheet HTML 2Page - Texas Instruments TLV5614 Datasheet HTML 3Page - Texas Instruments TLV5614 Datasheet HTML 4Page - Texas Instruments TLV5614 Datasheet HTML 5Page - Texas Instruments TLV5614 Datasheet HTML 6Page - Texas Instruments TLV5614 Datasheet HTML 7Page - Texas Instruments TLV5614 Datasheet HTML 8Page - Texas Instruments TLV5614 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
TLV5614
2.7-V TO 5.5-V 12-BIT 3-
µS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS
WITH POWER DOWN
SLAS188 – SEPTEMBER 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Four 12-Bit D/A Converters
D Programmable Settling Time of Either 3 µs
or 9
µs Typ
D TMS320, (Q)SPI, and Microwire Compatible
Serial Interface
D Internal Power-On Reset
D Low Power Consumption:
8 mW, Slow Mode – 5-V Supply
3.6 mW, Slow Mode – 3-V Supply
D Reference Input Buffer
D Voltage Output Range ...2× the Reference
Input Voltage
D Monotonic Over Temperature
D Dual 2.7-V to 5.5-V Supply (Separate Digital
and Analog Supplies)
D Hardware Power Down (10 nA)
D Software Power Down (10 nA)
D Simultaneous Update
applications
D Battery Powered Test Instruments
D Digital Offset and Gain Adjustment
D Industrial Process Controls
D Machine and Motion Control Devices
D Communications
D Arbitrary Waveform Generation
description
The TLV5614 is a quadruple 12-bit voltage output
digital-to-analog converter (DAC) with a flexible
4-wire serial interface. The 4-wire serial interface
allows glueless interface to TMS320, SPI, QSPI,
and Microwire serial ports. The TLV5614 is
programmed with a 16-bit serial word comprised
of a DAC address, individual DAC control bits, and
a 12-bit DAC value. The device has provision for
two supplies: one digital supply for the serial
interface (via pins DVDD and DGND), and one for
the DACs, reference buffers, and output buffers (via pins AVDD and AGND). Each supply is independent of the
other, and can be any value between 2.7 V and 5.5 V. The dual supplies allow a typical application where the
DAC will be controlled via a microprocessor operating on a 3 V supply (also used on pins DVDD and DGND),
with the DACs operating on a 5 V supply. Of course, the digital and anlog supplies can be tied together.
The resistor string output voltage is buffered by a x2 gain rail-to-rail output buffer. The buffer features a Class AB
output stage to improve stability and reduce settling time. A rail-to-rail output stage and a power-down mode
makes it ideal for single voltage, battery based applications. The settling time of the DAC is programmable to
allow the designer to optimize speed versus power dissipation. The settling time is chosen by the control bits
within the 16-bit serial input string. A high-impedance buffer is integrated on the REFINAB and REFINCD
terminals to reduce the need for a low source impedance drive to the terminal. REFINAB and REFINCD allow
DACs A and B to have a different reference voltage then DACs C and D.
The TLC5614 is implemented with a CMOS process and is available in a 16-terminal SOIC package. The
TLV5614C is characterized for operation from 0
°C to 70°C. The TLV5614I is characterized for operation from
–40
°C to 85°C.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DVDD
PD
LDAC
DIN
SCLK
CS
FS
DGND
AVDD
REFINAB
OUTA
OUTB
OUTC
OUTD
REFINCD
AGND
(TOP VIEW)
D OR PW PACKAGE


Similar Part No. - TLV5614

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5614 TI2-TLV5614 Datasheet
687Kb / 35P
2.7-V TO 5.5-V 12-BIT 3-μS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
REVISED APRIL 2003
TLV5614 TI2-TLV5614 Datasheet
621Kb / 33P
2.7-V TO 5.5-V 12-BIT 3-us QUADRUPLE DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
JUNE 2006
TLV5614-EP TI1-TLV5614-EP Datasheet
825Kb / 32P
2.7-V TO 5.5-V 12-BIT 3-關s QUADRUPLE DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5614-EP TI2-TLV5614-EP Datasheet
621Kb / 33P
2.7-V TO 5.5-V 12-BIT 3-us QUADRUPLE DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
JUNE 2006
TLV5614-EP TI2-TLV5614-EP Datasheet
687Kb / 35P
2.7-V TO 5.5-V 12-BIT 3-μS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
REVISED APRIL 2003
More results

Similar Description - TLV5614

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5604 TI-TLV5604 Datasheet
359Kb / 27P
2.7-V TO 5.5-V 10-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5616C TI-TLV5616C Datasheet
310Kb / 23P
2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5614-EP TI1-TLV5614-EP Datasheet
825Kb / 32P
2.7-V TO 5.5-V 12-BIT 3-關s QUADRUPLE DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619-EP TI1-TLV5619-EP Datasheet
923Kb / 25P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5616 TI1-TLV5616_12 Datasheet
845Kb / 28P
2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5604 TI-TLV5604_15 Datasheet
548Kb / 31P
2.7-V TO 5.5-V 10-BIT 3-關S QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5614-EP TI-TLV5614-EP_15 Datasheet
1Mb / 33P
2.7-V TO 5.5-V 12-BIT 3-US QUADRUPLE DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5616C TI-TLV5616C_15 Datasheet
861Kb / 29P
2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5617A TI-TLV5617A_15 Datasheet
822Kb / 20P
2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5619-EP TI-TLV5619-EP_15 Datasheet
1Mb / 26P
2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com