Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV4110IP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV4110IP
Description  FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV4110IP Datasheet(HTML) 4 Page - Texas Instruments

  TLV4110IP Datasheet HTML 1Page - Texas Instruments TLV4110IP Datasheet HTML 2Page - Texas Instruments TLV4110IP Datasheet HTML 3Page - Texas Instruments TLV4110IP Datasheet HTML 4Page - Texas Instruments TLV4110IP Datasheet HTML 5Page - Texas Instruments TLV4110IP Datasheet HTML 6Page - Texas Instruments TLV4110IP Datasheet HTML 7Page - Texas Instruments TLV4110IP Datasheet HTML 8Page - Texas Instruments TLV4110IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TLV4110, TLV4111, TLV4112, TLV4113
FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL
AMPLIFIERS WITH SHUTDOWN
SLOS289A – DECEMBER 1999 – REVISED APRIL 2000
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at recommend operating conditions, VDD = 3 V and 5 V (unless otherwise
noted)
dc performance
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNITS
VIO
Input offset voltage
VV
/2
VV
/2
25
°C
175
3500
µV
VIO
Input offset voltage
VIC = VDD/2,
RL = 100 Ω
VO = VDD/2 ,
RS =50 Ω
Full range
4000
µV
αVIO
Offset voltage draft
RL = 100 Ω,
RS = 50 Ω
25
°C
3
µV/°C
CMRR
Common mode rejection ratio
VDD = 3 V,
RS = 50 Ω
VIC = 0 to 2 V,
25
°C
63
dB
CMRR
Common-mode rejection ratio
VDD = 5 V,
RS = 50 Ω
VIC = 0 to 4 V,
25
°C
68
dB
RL=100 Ω
25
°C
78
84
VDD = 3 V,
RL=100 Ω
Full range
67
DD
,
VO(PP)=0 to 1V
RL=10 kΩ
25
°C
85
100
AVD
Large-signal differential voltage
RL=10 kΩ
Full range
75
dB
AVD
gg
g
amplification
RL=100 Ω
25
°C
88
94
dB
VDD = 5 V,
RL=100 Ω
Full range
75
DD
,
VO(PP)=0 to 3V
RL=10 kΩ
25
°C
90
110
RL=10 kΩ
Full range
85
† Full range is 0
°C to 70°C for C suffix and –40°C to 125°C for I suffix. If not specified, full range is –40°C to 125°C.
input characteristics
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNITS
VICR
Common mode input voltage range
Measured over
CMRR range
VDD = 3 V
25
°C and
Full range
0
to
1.5
V
VICR
Common-mode input voltage range
CMRR range,
RS = 50 Ω
VDD = 5 V
25
°C and
Full range
0
to
3.5
V
25
°C
0.3
25
IIO
Input offset current
VIC = VDD/2
TLV411xC
Full range
50
TLV411xI
Full range
250
pA
VV
/2
25
°C
0.3
50
pA
IIB
Input bias current
VO = VDD/2,
RS =50 Ω
TLV411xC
Full range
100
RS = 50 Ω
TLV411xI
Full range
500
ri(d)
Differential input resistance
25
°C
1000
G
Ω
CIC
Common-mode input capacitance
f = 100 Hz
25
°C
5
pF
† Full range is 0
°C to 70°C for C suffix and –40°C to 125°C for I suffix. If not specified, full range is –40°C to 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com