Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV4110IP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV4110IP
Description  FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV4110IP Datasheet(HTML) 5 Page - Texas Instruments

  TLV4110IP Datasheet HTML 1Page - Texas Instruments TLV4110IP Datasheet HTML 2Page - Texas Instruments TLV4110IP Datasheet HTML 3Page - Texas Instruments TLV4110IP Datasheet HTML 4Page - Texas Instruments TLV4110IP Datasheet HTML 5Page - Texas Instruments TLV4110IP Datasheet HTML 6Page - Texas Instruments TLV4110IP Datasheet HTML 7Page - Texas Instruments TLV4110IP Datasheet HTML 8Page - Texas Instruments TLV4110IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TLV4110, TLV4111, TLV4112, TLV4113
FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL
AMPLIFIERS WITH SHUTDOWN
SLOS289A – DECEMBER 1999 – REVISED APRIL 2000
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 3 V and 5 V (unless otherwise
noted) (continued)
output characteristics
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNITS
IOH =10 mA
25
°C
2.7
2.97
VDD =3V VIC =VDD/2
IOH = –10 mA
Full range
2.7
V
VDD = 3 V, VIC = VDD/2
IOH = 100 mA
25
°C
2.6
2.73
V
IOH =–100 mA
Full range
2.6
IOH =10 mA
25
°C
4.7
4.96
VOH
High-level output voltage
IOH = –10 mA
Full range
4.7
IOH = 100 mA
25
°C
4.6
4.76
VDD = 5 V, VIC = VDD/2
IOH = –100 mA
Full range
4.6
V
25
°C
4.45
4.6
IOH = –200 mA
–40
°C to
85
°C
4.35
IOL =10mA
25
°C
0.03
0.1
VDD = 3 V and 5 V,
IOL = 10 mA
Full range
0.1
DD
,
VIC = VDD/2
IOL = 100 mA
25
°C
0.33
0.4
VOL
Low–level output voltage
IOL = 100 mA
Full range
0.55
V
25
°C
0.38
0.6
VDD = 5 V, VIC = VDD/2
IOL = 200 mA
–40
°C to
85
°C
0.7
IO
Output current‡
Measured at 0 5 V from rail
VDD = 3 V
25
°C
±220
mA
IO
Output current‡
Measured at 0.5 V from rail
VDD = 5 V
25
°C
±320
mA
IOS
Short circuit output current‡
Sourcing
25
°C
800
mA
IOS
Short-circuit output current‡
Sinking
25
°C
800
mA
† Full range is 0
°C to 70°C for C suffix and –40°C to 125°C for I suffix. If not specified, full range is –40°C to 125°C.
‡ When driving output currents in excess of 200 mA, the MSOP PowerPAD package is required for thermal dissipation.
power supply
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNITS
IDD
Supply current (per channel)
VO =VDD/2
25
°C
700
1000
µA
IDD
Supply current (per channel)
VO = VDD/2
Full range
1500
µA
VDD =2.7 to 3.3 V, No load,
25
°C
70
82
KSVR
Power supply rejection ratio (
∆VDD / ∆VIO)
DD
,
VIC = VDD/2 V
,
Full range
65
dB
KSVR
Power supply rejection ratio (
∆VDD / ∆VIO)
VDD =4.5 to 5.5 V, No load,
25
°C
70
79
dB
DD
VIC = VDD/2 V
Full range
65
† Full range is 0
°C to 70°C for C suffix and –40°C to 125°C for I suffix. If not specified, full range is –40°C to 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com