Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5619 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5619
Description  2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5619 Datasheet(HTML) 1 Page - Texas Instruments

  TLV5619 Datasheet HTML 1Page - Texas Instruments TLV5619 Datasheet HTML 2Page - Texas Instruments TLV5619 Datasheet HTML 3Page - Texas Instruments TLV5619 Datasheet HTML 4Page - Texas Instruments TLV5619 Datasheet HTML 5Page - Texas Instruments TLV5619 Datasheet HTML 6Page - Texas Instruments TLV5619 Datasheet HTML 7Page - Texas Instruments TLV5619 Datasheet HTML 8Page - Texas Instruments TLV5619 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TLV5619
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER
WITH POWER DOWN
SLAS172C – DECEMBER 1997 – REVISED APRIL 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Single Supply 2.7-V to 5.5-V Operation
D ±0.4 LSB Differential Nonlinearity (DNL),
±1.5 LSB Integral Nonlinearity (INL)
D 12-Bit Parallel Interface
D Compatible With TMS320 DSP
D Internal Power On Reset
D Settling Time 1 µs Typ
D Low Power Consumption:
– 8 mW for 5-V Supply
– 4.3 mW for 3-V Supply
D Reference Input Buffers
D Voltage Output
D Monotonic Over Temperature
D Asynchronous Update
applications
D Battery Powered Test Instruments
D Digital Offset and Gain Adjustment
D Battery Operated/Remote Industrial
Controls
D Machine and Motion Control Devices
D Cordless and Wireless Telephones
D Speech Synthesis
D Communication Modulators
D Arbitrary Waveform Generation
description
The TLV5619 is a 12-bit voltage output DAC with
a
microprocessor
and
TMS320
compatible
parallel interface. The 12 data bits are double
buffered so that the output can be updated
asynchronously using the LDAC pin. During
normal operation, the device dissipates 8 mW at
a 5-V supply and 4.3 mW at a 3-V supply. The
power consumption can be lowered to 50 nW by
setting the DAC to power-down mode.
The output voltage is buffered by a
×2 gain
rail-to-rail amplifier, which features a Class A
output stage to improve stability and reduce
settling time.
AVAILABLE OPTIONS
PACKAGE
TA
SMALL OUTLINE
(DW)
TSSOP
(PW)
0
°C to 70°C
TLV5619CDW
TLV5619CPW
–40
°C to 85°C
TLV5619IDW
TLV5619IPW
–40
°C to 125°C
TLV5619QDW
—
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D1
D0
CS
WE
LDAC
PD
GND
OUT
REFIN
VDD
DW OR PW PACKAGE
(TOP VIEW)


Similar Part No. - TLV5619

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5619 TI1-TLV5619 Datasheet
1Mb / 26P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619 TI2-TLV5619 Datasheet
751Kb / 27P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
REVISED FEBRUARY 2004
TLV5619 TI2-TLV5619 Datasheet
927Kb / 27P
2.7VTO05.5V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
REVISED DECEMBER 2003
TLV5619-EP TI1-TLV5619-EP Datasheet
923Kb / 25P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619-EP TI1-TLV5619-EP Datasheet
1Mb / 26P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
More results

Similar Description - TLV5619

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5613 TI-TLV5613 Datasheet
291Kb / 21P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A Datasheet
458Kb / 23P
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A_06 Datasheet
446Kb / 24P
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619-EP TI1-TLV5619-EP Datasheet
923Kb / 25P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A-EP TI1-TLV5618A-EP Datasheet
395Kb / 17P
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613CDW TI-TLV5613CDW Datasheet
816Kb / 23P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618AQDG4 TI-TLV5618AQDG4 Datasheet
991Kb / 24P
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI1-TLV5618A_16 Datasheet
1,017Kb / 24P
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619 TI1-TLV5619_16 Datasheet
1Mb / 26P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613 TI-TLV5613_V01 Datasheet
323Kb / 21P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com