Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV571DW Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV571DW
Description  2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV571DW Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV571DW Datasheet HTML 6Page - Texas Instruments TLV571DW Datasheet HTML 7Page - Texas Instruments TLV571DW Datasheet HTML 8Page - Texas Instruments TLV571DW Datasheet HTML 9Page - Texas Instruments TLV571DW Datasheet HTML 10Page - Texas Instruments TLV571DW Datasheet HTML 11Page - Texas Instruments TLV571DW Datasheet HTML 12Page - Texas Instruments TLV571DW Datasheet HTML 13Page - Texas Instruments TLV571DW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
software START conversion
external clock
With CS low and WR low, data is written into the ADC. Sampling begins at the rising edge of WR. The conversion process begins 6 clocks
after sampling begins. At the end of conversion, the INT goes low telling the host that conversion is ready to be read out. EOC B low during
the conversion. The external clock is active and used as the reference at all times. With this mode, WR and RD should not be applied at the
rising edge of the clock (see Figure 3).
Auto Powerdown
CLK
CS
WR
RD
D[0:7]
INT
EOC
Config
Data
ADC Data
ADC Data
t su(CSL_WRL)
th(WRH_CSH)
t su(DAV_WRH)
t h(WRH_DAV)
tc
t su(CSL_RDL)
t
h(RDH_CSH)
t en(RDL_DAV)
t dis(RDH_DAV)
tc
t
t en(RDL_DAV)
01
5
6
7
15
16
OR
su(CSL_RDL)
t(sample)
t(sample)
04
5
15
Figure 6. Input Conversion – Software Start, External Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com